Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDR2 Datasheet (PDF) - TRACO Electronic AG

TDR2 Datasheet PDF - TRACO Electronic AG
Part # TDR2
Download  TDR2 Download
File Size   897.97 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TDR 2 Series, 2 Watt

TDR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDR2 Datasheet PDF - TRACO Electronic AG

Part # TDR2
Download  TDR2 Click to download

File Size   897.97 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TDR 2 Series, 2 Watt

TDR2 Datasheet (HTML) - TRACO Electronic AG


TDR2 Product details

• Compact design in THD Package
• Wide 2:1 input voltage range
• Fully regulated outputs
• Low ripple and noise
• Temperature range –40°C to +85°C
without derating
• I/O isolation 1600 VDC
• Continuous short-circuit protection
• Remote On/Off control
• Fully RoHS compliant
• 3-year product warranty




Similar Part No. - TDR2

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDR2-0511SM TRACOPOWER-TDR2-0511SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2-0512SM TRACOPOWER-TDR2-0512SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2-0513SM TRACOPOWER-TDR2-0513SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2-0522SM TRACOPOWER-TDR2-0522SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2-0523SM TRACOPOWER-TDR2-0523SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
More results


Similar Description - TDR2

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10SG-053R3ELF PEAK-P10SG-053R3ELF Datasheet
137Kb / 3P
2 Watt
logo
TRACO Electronic AG
TDR2SM TRACOPOWER-TDR2SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2WI TRACOPOWER-TDR2WI Datasheet
889Kb / 4P
TDR 2WI Series, 2 Watt
Rev. November 30, 2022
TDR2WISM TRACOPOWER-TDR2WISM Datasheet
874Kb / 5P
TDR 2WISM Series, 2 Watt
Rev. November 30, 2022
TDR3 TRACOPOWER-TDR3 Datasheet
893Kb / 4P
TDR 3 Series, 3 Watt
Rev. November 30, 2022
TDR3SM TRACOPOWER-TDR3SM Datasheet
891Kb / 5P
TDR 3SM Series, 3 Watt
Rev. November 30, 2022
TDR3WI TRACOPOWER-TDR3WI Datasheet
892Kb / 4P
TDR 3WI Series, 3 Watt
Rev. November 30, 2022
TDR3WISM TRACOPOWER-TDR3WISM Datasheet
864Kb / 5P
TDR 3WISM Series, 3 Watt
Rev. November 30, 2022
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TDL2 TRACOPOWER-TDL2 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com