Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEM3N Datasheet (PDF) - TRACO Electronic AG

TEM3N Datasheet PDF - TRACO Electronic AG
Part # TEM3N
Download  TEM3N Download
File Size   895.93 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEM 3N Series, 3 WattTEM 3N Series, 3 Watt

TEM3N Datasheet (PDF)

Go To PDF Page Download Datasheet
TEM3N Datasheet PDF - TRACO Electronic AG

Part # TEM3N
Download  TEM3N Click to download

File Size   895.93 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEM 3N Series, 3 WattTEM 3N Series, 3 Watt

TEM3N Datasheet (HTML) - TRACO Electronic AG


TEM3N Product details

• Cost optimized design in DIP-24
package
• Fully regulated output
• Output ripple & noise 30 mVp-p typ.
• Short circuit protection
• Operating temperature range
–40°C to +75°C at full load
• I/O isolation 1’500 VDC
• Input filter meet EN 55022, class A
• No minimum load required
• Industry standard pinout
• 3-year product warranty




Similar Part No. - TEM3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEM31-1 ETC2-TEM31-1 Datasheet
623Kb / 1P
Thermoelectric Module
More results


Similar Description - TEM3N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
HDF0505 SHINDENGEN-HDF0505 Datasheet
80Kb / 2P
3 Watt HD Series
logo
TRACO Electronic AG
TDN3WI TRACOPOWER-TDN3WI Datasheet
806Kb / 4P
TDN 3WI Series, 3 Watt
Rev. November 30, 2022
TDR3 TRACOPOWER-TDR3 Datasheet
893Kb / 4P
TDR 3 Series, 3 Watt
Rev. November 30, 2022
TDR3WISM TRACOPOWER-TDR3WISM Datasheet
864Kb / 5P
TDR 3WISM Series, 3 Watt
Rev. November 30, 2022
TEC3 TRACOPOWER-TEC3 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3WI TRACOPOWER-TEC3WI Datasheet
870Kb / 4P
TEC 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3N TRACOPOWER-TEN3N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TDL3 TRACOPOWER-TDL3 Datasheet
251Kb / 3P
TDL 3 Series, 3 Watt
Rev. December 15, 2021
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com