Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THI2 Datasheet (PDF) - TRACO Electronic AG

THI2 Datasheet PDF - TRACO Electronic AG
Part # THI2
Download  THI2 Download
File Size   837.4 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THI 2 Series, 2 Watt

THI2 Datasheet (PDF)

Go To PDF Page Download Datasheet
THI2 Datasheet PDF - TRACO Electronic AG

Part # THI2
Download  THI2 Click to download

File Size   837.4 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THI 2 Series, 2 Watt

THI2 Datasheet (HTML) - TRACO Electronic AG


THI2 Product details

• DIP-24 Package
• Regulated output
• I/O isolation voltage 6000 VDC
• Supplementary insulation rated for
working voltage up to 1000 VAC
• Operating temp. range –40°C to +75°C




Similar Part No. - THI2

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THI2-0511M TOUCHSTONE-THI2-0511M Datasheet
235Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
THI2-0511M TRACOPOWER-THI2-0511M Datasheet
841Kb / 4P
DC/DC Converter THI 2M Series, 2 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THI2-0512M TOUCHSTONE-THI2-0512M Datasheet
235Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
THI2-0512M TRACOPOWER-THI2-0512M Datasheet
841Kb / 4P
DC/DC Converter THI 2M Series, 2 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THI2-0513M TOUCHSTONE-THI2-0513M Datasheet
235Kb / 3P
DC/DC Converters
More results


Similar Description - THI2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ_13 Datasheet
241Kb / 3P
2 Watt | DC-DC Converter
logo
TRACO Electronic AG
THI2M TRACOPOWER-THI2M Datasheet
841Kb / 4P
DC/DC Converter THI 2M Series, 2 Watt
Rev. November 30, 2022
THI3 TRACOPOWER-THI3 Datasheet
890Kb / 4P
DC/DC Converter THI 3 Series, 3 Watt
Rev. February 9, 2023
TMR2 TRACOPOWER-TMR2 Datasheet
958Kb / 4P
DC/DC Converter TMR 2 Series, 2 Watt
Rev. November 30, 2022
TRS2 TRACOPOWER-TRS2 Datasheet
902Kb / 4P
DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com