Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THL25 Datasheet (PDF) - TRACO Electronic AG

THL25 Datasheet PDF - TRACO Electronic AG
Part # THL25
Download  THL25 Download
File Size   957.47 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THL 25 Series, 25 Watt

THL25 Datasheet (PDF)

Go To PDF Page Download Datasheet
THL25 Datasheet PDF - TRACO Electronic AG

Part # THL25
Download  THL25 Click to download

File Size   957.47 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THL 25 Series, 25 Watt

THL25 Datasheet (HTML) - TRACO Electronic AG


THL25 Product details

• High power density 25W converter
Ultra compact design: 1.0” x 1.0” x 0.4”
• Shielded metal case with isolated
baseplate
• Wide 2:1 input voltage ranges
• Very high efficiency up to 90%
• Output voltage adjustable
• Remote On/Off control
• Operating temp. range –40°C to +80°C
and up to +85°C with heat-sink
• I/O isolation voltage 1500 VDC
• 3-year product warranty




Similar Part No. - THL25

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THL25 TOUCHSTONE-THL25 Datasheet
206Kb / 4P
DC/DC Converters
logo
TRACO Electronic AG
THL25 TRACOPOWER-THL25 Datasheet
251Kb / 1P
Heat Sink
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THL25-1210 TOUCHSTONE-THL25-1210 Datasheet
206Kb / 4P
DC/DC Converters
THL25-1211 TOUCHSTONE-THL25-1211 Datasheet
206Kb / 4P
DC/DC Converters
THL25-1212 TOUCHSTONE-THL25-1212 Datasheet
206Kb / 4P
DC/DC Converters
More results


Similar Description - THL25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVA-SC24 ETC1-SVA-SC24 Datasheet
205Kb / 2P
25 WATT DC-DC CONVERTER
logo
AIMTEC
AME25-CJZ AIMTEC-AME25-CJZ Datasheet
205Kb / 5P
25 Watt | AC-DC / DC-DC Converter
AME25-JZ AIMTEC-AME25-JZ Datasheet
221Kb / 5P
25 Watt | AC-DC / DC-DC Converter
logo
ETA-USA
ERA-SA ETA-USA-ERA-SA Datasheet
470Kb / 4P
25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
25 WATT AC-DC CONVERTER
SVA-SB ETA-USA-SVA-SB Datasheet
553Kb / 3P
25 WATT AC-DC CONVERTER
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
25 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL30WI TRACOPOWER-THL30WI Datasheet
1Mb / 5P
DC/DC Converter THL 30WI Series, 30 Watt
Rev. November 30, 2022
THL25WI TRACOPOWER-THL25WI Datasheet
925Kb / 4P
DC/DC Converter THL 25WI Series, 25 Watt
Rev. Januaryy 19, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com