Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM15 Datasheet (PDF) - TRACO Electronic AG

THM15 Datasheet PDF - TRACO Electronic AG
Part # THM15
Download  THM15 Download
File Size   950.79 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter THM 15 Series, 15 Watt

THM15 Datasheet (PDF)

Go To PDF Page Download Datasheet
THM15 Datasheet PDF - TRACO Electronic AG

Part # THM15
Download  THM15 Click to download

File Size   950.79 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter THM 15 Series, 15 Watt

THM15 Datasheet (HTML) - TRACO Electronic AG


THM15 Product details

• Wide 2:1 input voltage 15 W DC/DC
converter in a 1.6 x 1 ” plastic case
• I/O isolation 5000 VAC rated for 250
VAC working voltage
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Low leakage current <2.5 μA
• Operating temperature –40°C to 85°C
• EMC compliance to IEC 60601-1-2 4th
edition and EN55032 class A
• Operating up to 5000m altitude
• 5-year product warranty




Similar Part No. - THM15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM15-2411WI TRACOPOWER-THM15-2411WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM15-2412WI TRACOPOWER-THM15-2412WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM15-2413WI TRACOPOWER-THM15-2413WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM15-2415WI TRACOPOWER-THM15-2415WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM15-2421WI TRACOPOWER-THM15-2421WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
More results


Similar Description - THM15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM10 TRACOPOWER-THM10 Datasheet
980Kb / 6P
DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THM15WI TRACOPOWER-THM15WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THM20WI TRACOPOWER-THM20WI Datasheet
958Kb / 5P
DC/DC Medical Converter THM 20WI Series, 20 Watt
Rev. November 30, 2022
THM3 TRACOPOWER-THM3 Datasheet
976Kb / 6P
DC/DC Medical Converter THM 3 Series, 3 Watt
Rev. November 30, 2022
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM30WI TRACOPOWER-THM30WI Datasheet
1,016Kb / 5P
DC/DC Medical Converter THM 30WI Series, 30 Watt
Rev. November 30, 2022
THM60WI TRACOPOWER-THM60WI Datasheet
960Kb / 5P
DC/DC Medical Converter THM 60WI Series, 60 Watt
Rev. November 30, 2022
THM6WI TRACOPOWER-THM6WI Datasheet
978Kb / 5P
DC/DC Medical Converter THM 6WI Series, 6 Watt
Rev. November 30, 2022
THM6 TRACOPOWER-THM6 Datasheet
973Kb / 6P
DC/DC Medical Converter THM 6 Series, 6 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com