Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP3 Datasheet (PDF) - TRACO Electronic AG

THP3 Datasheet PDF - TRACO Electronic AG
Part # THP3
Download  THP3 Download
File Size   903.46 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THP 3 Series, 3 Watt

THP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
THP3 Datasheet PDF - TRACO Electronic AG

Part # THP3
Download  THP3 Click to download

File Size   903.46 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THP 3 Series, 3 Watt

THP3 Datasheet (HTML) - TRACO Electronic AG


THP3 Product details

• Ultra wide 4:1 input voltage range up to
160 VDC
• I/O isolation voltage 4000 VACrms
• Reinforced insulation rated for working
voltage 1000 VAC
• 2 x MOOP Medical safety according to
ANSI/AAMI ES 60601-1:2005 and
IEC/EN 60601-1 3rd edition
• Industrial safety to IEC/EN/UL 62368-1
• Operating temperature range –40 °C to
+85 °C
• Input filter to meet EN 55011 & EN
55032, class A
• Low leakage current <2μA
• 3-year product warranty




Similar Part No. - THP3

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THP3 TOUCHSTONE-THP3 Datasheet
236Kb / 3P
DC/DC Converters
THP3-2411 TOUCHSTONE-THP3-2411 Datasheet
236Kb / 3P
DC/DC Converters
THP3-2412 TOUCHSTONE-THP3-2412 Datasheet
236Kb / 3P
DC/DC Converters
THP3-2422 TOUCHSTONE-THP3-2422 Datasheet
236Kb / 3P
DC/DC Converters
THP3-2423 TOUCHSTONE-THP3-2423 Datasheet
236Kb / 3P
DC/DC Converters
More results


Similar Description - THP3

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
3 Watt | DC-DC Converter
logo
TRACO Electronic AG
THB3 TRACOPOWER-THB3 Datasheet
921Kb / 5P
DC/DC Converter THB 3 Series, 3 Watt
Rev. November 30, 2022
THI3 TRACOPOWER-THI3 Datasheet
890Kb / 4P
DC/DC Converter THI 3 Series, 3 Watt
Rev. February 9, 2023
TMR3 TRACOPOWER-TMR3 Datasheet
995Kb / 5P
DC/DC Converter TMR 3 Series, 3 Watt
Rev. November 30, 2022
TMU3 TRACOPOWER-TMU3 Datasheet
798Kb / 4P
DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TRA3 TRACOPOWER-TRA3 Datasheet
862Kb / 4P
DC/DC Converter TRA 3 Series, 3 Watt
Rev. November 30, 2022
TRN3 TRACOPOWER-TRN3 Datasheet
802Kb / 4P
DC/DC Converter TRN 3 Series, 3 Watt
Rev. November 30, 2022
TVN3 TRACOPOWER-TVN3 Datasheet
818Kb / 4P
DC/DC Converter TVN 3 Series, 3 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com