Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDC20 Datasheet (PDF) - TRACO Electronic AG

TMDC20 Datasheet PDF - TRACO Electronic AG
Part # TMDC20
Download  TMDC20 Download
File Size   1895.52 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMDC 20 Series, 20 Watt

TMDC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDC20 Datasheet PDF - TRACO Electronic AG

Part # TMDC20
Download  TMDC20 Click to download

File Size   1895.52 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMDC 20 Series, 20 Watt

TMDC20 Datasheet (HTML) - TRACO Electronic AG


TMDC20 Product details

• Fully encapsulated low profile plastic
case
• Ultra wide 4:1 input voltage range
• Operating temperature range –40°C to
+90°C
• I/O isolation 2500 VDC
• Excellent efficiency up to 91 %
• Input filter to meet EN 55022, class A
• Optional DIN-Rail mount adapter
• No minimum load required
• Power good LED indicator and remote
on/off function
• 3-year product warranty




Similar Part No. - TMDC20

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMDC20-7211H TRACOPOWER-TMDC20-7211H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
TMDC20-7212H TRACOPOWER-TMDC20-7212H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
TMDC20-7213H TRACOPOWER-TMDC20-7213H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
TMDC20-7215H TRACOPOWER-TMDC20-7215H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
TMDC20-7218H TRACOPOWER-TMDC20-7218H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
More results


Similar Description - TMDC20

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
20 Watt | DC-DC Converter
logo
TRACO Electronic AG
TMDC06 TRACOPOWER-TMDC06 Datasheet
906Kb / 4P
DC/DC Converter TMDC 06 Series, 6 Watt
Rev. November 30, 2022
TMDC06H TRACOPOWER-TMDC06H Datasheet
907Kb / 4P
DC/DC Converter TMDC 06H Series, 6 Watt
Rev. November 30, 2022
TMDC10H TRACOPOWER-TMDC10H Datasheet
939Kb / 4P
DC/DC Converter TMDC 10H Series, 10 Watt
Rev. November 30, 2022
TMDC20H TRACOPOWER-TMDC20H Datasheet
1Mb / 4P
DC/DC Converter TMDC 20H Series, 20 Watt
Rev. November 30, 2022
TMDC60 TRACOPOWER-TMDC60 Datasheet
960Kb / 4P
DC/DC Converter TMDC 60 Series, 60 Watt
Rev. March 16, 2023
TRI20 TRACOPOWER-TRI20 Datasheet
944Kb / 4P
DC/DC Converter TRI 20 Series, 20 Watt
Rev. March 17, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com