Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDC40 Datasheet (PDF) - TRACO Electronic AG

TMDC40 Datasheet PDF - TRACO Electronic AG
Part # TMDC40
Download  TMDC40 Download
File Size   912.8 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMDC 40 Series, 40 Watt

TMDC40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDC40 Datasheet PDF - TRACO Electronic AG

Part # TMDC40
Download  TMDC40 Click to download

File Size   912.8 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMDC 40 Series, 40 Watt

TMDC40 Datasheet (HTML) - TRACO Electronic AG


TMDC40 Product details

• Fully encapsulated low profile plastic
case
• Ultra wide 4:1 input voltage range
• Operating temperature range –40°C to
+85°C
• I/O isolation 2500 VDC
• Excellent efficiency up to 92 %
• Input filter to meet EN 55022, class A
• Optional DIN-Rail mount adapter
• No minimum load required
• Power good LED indicator and remote
on/off function
• 3-year product warranty




Similar Part No. - TMDC40

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMDC40-7211H TRACOPOWER-TMDC40-7211H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
TMDC40-7212H TRACOPOWER-TMDC40-7212H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
TMDC40-7213H TRACOPOWER-TMDC40-7213H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
TMDC40-7215H TRACOPOWER-TMDC40-7215H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
TMDC40-7218H TRACOPOWER-TMDC40-7218H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
More results


Similar Description - TMDC40

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
40 Watt | DC-DC Converter
logo
TRACO Electronic AG
TMDC40H TRACOPOWER-TMDC40H Datasheet
939Kb / 4P
DC/DC Converter TMDC 40H Series, 40 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com