Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMR4WI Datasheet (PDF) - TRACO Electronic AG

TMR4WI Datasheet PDF - TRACO Electronic AG
Part # TMR4WI
Download  TMR4WI Download
File Size   965.24 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 4WI Series, 4 Watt

TMR4WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR4WI Datasheet PDF - TRACO Electronic AG

Part # TMR4WI
Download  TMR4WI Click to download

File Size   965.24 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 4WI Series, 4 Watt

TMR4WI Datasheet (HTML) - TRACO Electronic AG


TMR4WI Product details

• Compact SIP-8 package
• Wide 4:1 input voltage range
• Temperature range –40° to +70°C
without derating
• High efficiency up to 83%
• I/O isolation 1600 VDC
• Protection against short-circuit and over
load
• Fully regulated outputs
• Remote On/Off control
• 3-year product warranty




Similar Part No. - TMR4WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR4 TRACOPOWER-TMR4 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1211 TRACOPOWER-TMR4-1211 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1212 TRACOPOWER-TMR4-1212 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1213 TRACOPOWER-TMR4-1213 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR4-1215 TRACOPOWER-TMR4-1215 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
More results


Similar Description - TMR4WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR1 TRACOPOWER-TMR1 Datasheet
869Kb / 4P
DC/DC Converter TMR 1 Series, 1 Watt
Rev. November 30, 2022
TMR2 TRACOPOWER-TMR2 Datasheet
958Kb / 4P
DC/DC Converter TMR 2 Series, 2 Watt
Rev. November 30, 2022
TMR2WIN TRACOPOWER-TMR2WIN Datasheet
983Kb / 4P
DC/DC Converter TMR 2WIN Series, 2 Watt
Rev. November 30, 2022
TMR2WISM TRACOPOWER-TMR2WISM Datasheet
945Kb / 4P
DC/DC Converter TMR 2WISM Series, 2 Watt
Rev. March 17, 2023
TMR3 TRACOPOWER-TMR3 Datasheet
995Kb / 5P
DC/DC Converter TMR 3 Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WISM TRACOPOWER-TMR3WISM Datasheet
963Kb / 5P
DC/DC Converter TMR 3WISM Series, 3 Watt
Rev. March 17, 2023
TMR4 TRACOPOWER-TMR4 Datasheet
970Kb / 4P
DC/DC Converter TMR 4 Series, 4 Watt
Rev. November 30, 2022
TMR6 TRACOPOWER-TMR6 Datasheet
973Kb / 4P
DC/DC Converter TMR 6 Series, 6 Watt
Rev. November 30, 2022
TMR9 TRACOPOWER-TMR9 Datasheet
971Kb / 5P
DC/DC Converter TMR 9 Series, 9 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com