Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

601D398F063HT1 Datasheet (PDF) - Vishay Siliconix

601D398F063HT1 Datasheet PDF - Vishay Siliconix
Part # 601D398F063HT1
Download  601D398F063HT1 Download
File Size   115.85 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, Tubular, Axial Lead

601D398F063HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
601D398F063HT1 Datasheet PDF - Vishay Siliconix

Part # 601D398F063HT1
Download  601D398F063HT1 Click to download

File Size   115.85 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, Tubular, Axial Lead

601D398F063HT1 Datasheet (HTML) - Vishay Siliconix


601D398F063HT1 Product details

FEATURES
• Temperature range -55 °C to +105 °C
• Long life
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 601D398F063HT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
601D VISHAY-601D Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
601D158F050GL1 VISHAY-601D158F050GL1 Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
More results


Similar Description - 601D398F063HT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
53D VISHAY-53D Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
30D VISHAY-30D Datasheet
174Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
22-Jul-08
601D VISHAY-601D_08 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
U673D VISHAY-U673D Datasheet
384Kb / 13P
Aluminum Capacitors 105 °C, Tubular Radial Lead
16-Jul-08
30D VISHAY-30D_13 Datasheet
76Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
16-Apr-13
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
604D VISHAY-604D_V01 Datasheet
100Kb / 6P
Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com