Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB3 Datasheet (PDF) - NXP Semiconductors

68HC705JB3 Datasheet PDF - NXP Semiconductors
Part # 68HC705JB3
Download  68HC705JB3 Download
File Size   1742.22 Kbytes
Page   134 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).

68HC705JB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705JB3 Datasheet PDF - NXP Semiconductors

Part # 68HC705JB3
Download  68HC705JB3 Click to download

File Size   1742.22 Kbytes
Page   134 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).

68HC705JB3 Datasheet (HTML) - NXP Semiconductors


68HC705JB3 Product details

GENERAL DESCRIPTION
The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05
Family of 8-bit microcontroller units (MCUs). The M68HC05 Family is based on
the customer-specified integrated circuit design strategy. All MCUs in the family
use the popular M68HC05 central processing unit (CPU) and are available with a
variety of subsystems, memory sizes and types, and package types.
The MC68HC05JB3 is specifically designed to be used in applications where a
low speed (1.5Mbps) Universal Serial Bus (USB) interface is required.

FEATURES
• Industry standard M68HC05 CPU core
• Memory-mapped input/output (I/O) registers
• 2560 Bytes of user ROM
• 144 Bytes of user RAM (includes 64 byte stack)
• Fully compliant Low Speed USB with 3 Endpoints:
– 1 Control Endpoint (2
´
8-byte buffer)
– 2 Interrupt Endpoints (1
´
8-byte buffer shared)
• 3.3V dc output for USB pull-up resistors
• 19 Bidirectional I/O pins with the following features:
– 17 I/Os have software programmable pull-down capability
– 2 open-drain I/Os have software programmable pull-up, 25mA current
sink capability
– 4 I/Os with external interrupt capability
– 8 I/Os (in 4 pairs) with programmable optical interface
• Multi-Function Timer (MFT)
• 16-bit Timer with 1 input capture and 1 output compare
• Low Voltage Reset (LVR)
• Computer Operating Properly (COP) Watchdog Reset
• Illegal Address Reset
• Power-Saving STOP and WAIT Modes
• Available in 20-pin PDIP, 20-pin SOIC, 28-pin PDIP, and 28-pin SOIC
packages




Similar Part No. - 68HC705JB3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC705JB3 FREESCALE-68HC705JB3 Datasheet
1Mb / 134P
8-bit microcontroller units (MCUs)
More results


Similar Description - 68HC705JB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC05J5 NXP-68HC05J5 Datasheet
640Kb / 69P
The MC68HC05J5 HCMOS Microcontroller is a member of the MC68HC05 Family of low-cost single-chip 8-bit Microcontroller Units (MCUs).
December 11, 1996 REV 1.1
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com