Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05L5 Datasheet (PDF) - NXP Semiconductors

68HC05L5 Datasheet PDF - NXP Semiconductors
Part # 68HC05L5
Download  68HC05L5 Download
File Size   1644.75 Kbytes
Page   200 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05L5 is an 80-pin microcontroller unit (MCU) with highly sophisticated on-chip peripheral functions.

68HC05L5 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC05L5 Datasheet PDF - NXP Semiconductors

Part # 68HC05L5
Download  68HC05L5 Click to download

File Size   1644.75 Kbytes
Page   200 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05L5 is an 80-pin microcontroller unit (MCU) with highly sophisticated on-chip peripheral functions.

68HC05L5 Datasheet (HTML) - NXP Semiconductors


68HC05L5 Product details

General Description
The MC68HC05L5 is an 80-pin microcontroller unit (MCU) with highly
sophisticated on-chip peripheral functions. The memory map includes
8 Kbytes of user ROM and 256 bytes of static RAM. The MCU has five
parallel ports: A, B, C, D, and E. The MC68HC05L5 includes a timebase
circuit, 8- and 16-bit timers, a computer operating properly (COP)
watchdog timer, liquid crystal display (LCD) drivers, and a simple serial
peripheral interface (SSPI).

Features of the MC68HC05L5 MCU include:
• Low-cost HC05 core
• 8,208 bytes of user ROM and 256 bytes of user static RAM
• General-purpose data pins:
– 14 bidirectional pins
– 10 input/ouptut-only pins
– 15 output-only pins, including 8-bit key wakeup interrupts
• Pullup resistors options
• Open-drain outputs options
• Two interrupt request (IRQ) inputs
• 16-bit timer with input capture and output compare (timer 1)
• 8-bit event counter/modulus clock divider (timer 2)
• Simple serial peripheral interface (SSPI)
• LCD drivers — 1-to-4 backplane drivers x 27-to-39 frontplane
drivers
• On-chip timebase circuits with COP watchdog timer and timebase
interrupts
• Dual oscillators and selectable system clock frequency
• Power-saving stop mode and wait mode
• 80-pin quad flat pack (QFP) package




Similar Part No. - 68HC05L5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
More results


Similar Description - 68HC05L5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MCU11E9 TOSHIBA-MCU11E9 Datasheet
4Mb / 154P
THE TMP68HC11E9 IS AN ADVANCED 8-BIT MICROCONTROLLER (MCU) WITH HIGHLY SOPHISTICATED ON-CHIP PERIPHERAL
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 128P
microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
2Mb / 124P
Microcontroller Unit (MCU)
logo
Motorola, Inc
MC68HC12 MOTOROLA-MC68HC12 Datasheet
2Mb / 478P
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
logo
Freescale Semiconductor...
MC9S12DT256 FREESCALE-MC9S12DT256 Datasheet
2Mb / 130P
Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
microcontroller unit (MCU)
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Intersil Corporation
TW8816-LA3-GRS INTERSIL-TW8816-LA3-GRS Datasheet
177Kb / 2P
Highly integrated LCD controller with on-chip MCU & CCFL controller
logo
NXP Semiconductors
68HC05G3 NXP-68HC05G3 Datasheet
1Mb / 128P
The MC68HC05G3 (705G4) is an 80-pin microcontroller unit (MCU) with highly sophisticated on-chip peripheral functions.
REV 1.1 December 14, 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com