Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7030 Datasheet (PDF) - NXP Semiconductors

74HC7030 Datasheet PDF - NXP Semiconductors
Part # 74HC7030
Download  74HC7030 Download
File Size   172.13 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit x 64-word FIFO register; 3-state

74HC7030 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC7030 Datasheet PDF - NXP Semiconductors

Part # 74HC7030
Download  74HC7030 Click to download

File Size   172.13 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit x 64-word FIFO register; 3-state

74HC7030 Datasheet (HTML) - NXP Semiconductors


74HC7030 Product details

GENERAL DESCRIPTION
The 74HC/HCT7030 are high-speed Si-gate CMOS devices specified in compliance with JEDEC standard no. 7A.
   
FEATURES
• Synchronous or asynchronous operation
• 3-state outputs
• Master-reset input to clear control functions
• 33 MHz (typ.) shift-in, shift-out rates with or without flags
• Very low power consumption
• Cascadable to 25 MHz (typ.)
• Readily expandable in word and bit dimensions
• Pinning arranged for easy board layout: input pins
    directly opposite output pins
• Output capability: standard
• ICC category: LSI
   




Similar Part No. - 74HC7030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014 NEXPERIA-74HC7014 Datasheet
209Kb / 11P
Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014D PHILIPS-74HC7014D Datasheet
61Kb / 9P
Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014D NEXPERIA-74HC7014D Datasheet
209Kb / 11P
Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
More results


Similar Description - 74HC7030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
4-bit x 16-word FIFO register
1998 Jan 23
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
4 Bit 횞 16 Word FIFO Register
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
4 WORD x 4 BIT REGISTER FILE (3 STATE)
Aug-2001
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
262144-word x 8-bit x 3-FIFO MEMORY
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com