Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet (PDF) - NXP Semiconductors

C5NPD0-DS Datasheet PDF - NXP Semiconductors
Part # C5NPD0-DS
Download  C5NPD0-DS Download
File Size   2679.71 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description C-5 NETWORK PROCESSOR SILICON REVISION D0

C5NPD0-DS Datasheet (PDF)

Go To PDF Page Download Datasheet
C5NPD0-DS Datasheet PDF - NXP Semiconductors

Part # C5NPD0-DS
Download  C5NPD0-DS Click to download

File Size   2679.71 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description C-5 NETWORK PROCESSOR SILICON REVISION D0

C5NPD0-DS Datasheet (HTML) - NXP Semiconductors


C5NPD0-DS Product details

Feature
Complete programmability
• Programmability at all levels of the protocol stack: Layers 2-7
• Examples of C-5 enabled systems:
– Multiservice Access Platforms (MSAPs)
– Optical edge switch/routers
– IP Gigabit/Terabit routers
– WAN Customer Premises Equipment (CPE)
– Load balancing web server switches
Simple programming model
• C/C++ programmable
• Standard instruction set
• Standard Applications Programming Interface (C-Ware APITM)
• Comprehensive C-WareTM Software Toolset (easy to program, debug, and tune
applications)
Maximum system flexibility
• Software implementation of functions from physical interfaces through switching
fabric support
• Reprogram to support new functionality and ratified standards, improving your
time-in-marketTM metric
• Deliver new services to market through simple software upgrades — no forklift
Massive processing power
• Operating frequencies: 166MHz, 200MHz, and 233MHz
• 5Gbps of bandwidth (for non-blocking throughput)
• More than 3,000MIPs of computing power (for adding services throughout the
protocol stack)
• Up to 15 million packets per second transmitted at wire speed
• 17 programmable RISC Cores (for cell/packet forwarding)
• 32 programmable Serial Data Processors (for processing bit streams)
• Up to 133 million table lookups per second
• Three internal buses for 60Gb of aggregate bandwidth
High functional integration
• 838 pin Ball Grid Array (BGA) package
• 16 Channel Processors including:
– Embedded OC-3c, OC-12, OC-12c SONET framers
– Programmable MAC interface
– RISC Cores
– Programmable pin PHY interfaces
• Embedded coprocessors for table lookup (classification), buffer memory (payload
control), and queue management (CoS/QoS implementation)
• Dedicated Fabric Processor and port
• Embedded RISC Executive Processor
• Integrated 32bit/66MHz PCI bus
Stable programming interfaces
• Supports generic communications programming interfaces to simplify programming
and allow future reuse of code across generations of the processor
• Network Processing Forum (NPF), (formerly CPIX), Charter member
Third-party support
• Support for virtually any third-party protocol stack, PHY or fabric interface, and
industry standard tools
• Smart Networks Alliance Program ensures a wide range of verified solutions




Similar Part No. - C5NPD0-DS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C5NPD0-DS FREESCALE-C5NPD0-DS Datasheet
2Mb / 100P
C-5 Network Processor Silicon Revision D0
More results


Similar Description - C5NPD0-DS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C3ENPA1-DS MOTOROLA-C3ENPA1-DS Datasheet
842Kb / 114P
C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
Freescale Semiconductor...
C-3E FREESCALE-C-3E Datasheet
5Mb / 114P
C-3e NETWORK PROCESSOR SILICON REVISION A1
C5ENPA1-DS FREESCALE-C5ENPA1-DS Datasheet
5Mb / 114P
C-5e Network Processor Silicon Revision A1
C5ENPB0-DS FREESCALE-C5ENPB0-DS Datasheet
1Mb / 118P
C-5e Network Processor Silicon Revision B0
C5NPD0-DS FREESCALE-C5NPD0-DS Datasheet
2Mb / 100P
C-5 Network Processor Silicon Revision D0
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
Infotainment Applications Processor Silicon Revision 2.0
logo
NXP Semiconductors
C3ENPA1-DS NXP-C3ENPA1-DS Datasheet
2Mb / 114P
C-3e Network Processor Silicon Revision A1
Rev 03
C3ENPB0-DS NXP-C3ENPB0-DS Datasheet
2Mb / 114P
C-3e Network Processor Silicon Revision B0
Rev 03
C5ENPA1-DS NXP-C5ENPA1-DS Datasheet
2Mb / 114P
C-5e NETWORK PROCESSOR SILICON REVISION A1
Rev 03
C5ENPB0-DS NXP-C5ENPB0-DS Datasheet
2Mb / 118P
C-5e NETWORK PROCESSOR SILICON REVISION B0
Rev 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com