Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPP40 Datasheet (PDF) - TRACO Electronic AG

TPP40 Datasheet PDF - TRACO Electronic AG
Part # TPP40
Download  TPP40 Download
File Size   1311.77 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 40 Series, 40 Watt

TPP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPP40 Datasheet PDF - TRACO Electronic AG

Part # TPP40
Download  TPP40 Click to download

File Size   1311.77 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 40 Series, 40 Watt

TPP40 Datasheet (HTML) - TRACO Electronic AG


TPP40 Product details

• Enclosed power supply with screw
terminal connection
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Low leakage current <75 μA rated for
BF applications
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• EMC compliance to IEC 60601-1-2 ed. 4
• Protection class l and ll prepared
• Operating up to 5000 m altitude
• Ready to meet ErP directive, <0.15 W
no load power consumption
• 5-year product warranty




Similar Part No. - TPP40

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP40-105A-J TRACOPOWER-TPP40-105A-J Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40-105E-D TRACOPOWER-TPP40-105E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
TPP40-105E-J TRACOPOWER-TPP40-105E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40E-J Series, 40 Watt
Rev. February 13, 2023
TPP40-112A-J TRACOPOWER-TPP40-112A-J Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40-112E-D TRACOPOWER-TPP40-112E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
More results


Similar Description - TPP40

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TPP100 TRACOPOWER-TPP100 Datasheet
1,023Kb / 4P
AC/DC Medical Power Supply TPP 100 Series, 100 Watt
Rev. March 16, 2023
TPP150 TRACOPOWER-TPP150 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP40A TRACOPOWER-TPP40A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40E-D TRACOPOWER-TPP40E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
TPP40E-J TRACOPOWER-TPP40E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40E-J Series, 40 Watt
Rev. February 13, 2023
TPP450 TRACOPOWER-TPP450 Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 450 Series, 450 Watt
Rev. March 16, 2023
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP65 TRACOPOWER-TPP65 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 65 Series, 65 Watt
Rev. November 30, 2022
TPP65A TRACOPOWER-TPP65A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 65A Series, 65 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com