Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS773 Datasheet (PDF) - Allegro MicroSystems

ACS773 Datasheet PDF - Allegro MicroSystems
Part # ACS773
Download  ACS773 Download
File Size   2213.83 Kbytes
Page   32 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor

ACS773 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS773 Datasheet PDF - Allegro MicroSystems

Part # ACS773
Download  ACS773 Click to download

File Size   2213.83 Kbytes
Page   32 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor

ACS773 Datasheet (HTML) - Allegro MicroSystems


ACS773 Product details

DESCRIPTION
The Allegro™ ACS773 family of current sensor ICs provide
economical and precise solutions for AC or DC current sensing,
ideal for motor control, load detection and management, power
supply and DC-to-DC converter control, and inverter control.
The 2.5 μs response time enables overcurrent fault detection
in safety-critical applications.
The device consists of a precision, low-offset linear Hall
circuit with a copper conduction path located near the die.
Applied current flowing through this copper conduction path
generates a magnetic field which the Hall IC converts into a
proportional voltage. Device accuracy is optimized through the
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional output voltage is provided by the
low-offset, chopper-stabilized BiCMOS Hall IC, which is
programmed for accuracy at the factory. Proprietary digital
temperature compensation technology greatly improves the
IC accuracy and temperature stability.
High-level immunity to current conductor dV/dt and stray
electric fields is offered by Allegro proprietary integrated shield
technology for low output voltage ripple and low offset drift
in high-side, high-voltage applications.

FEATURES AND BENEFITS
• AEC-Q100 Grade 1 qualified
• Typical of 2.5 μs output response time
• 3.3 V supply operation
• Ultra-low power loss: 100 μΩ internal conductor resistance
• Reinforced galvanic isolation allows use in economical,
high-side current sensing in high-voltage systems
• 4800 Vrms dielectric strength certified under UL60950-1
• Industry-leading noise performance with greatly
improved bandwidth through proprietary amplifier and
filter design techniques
• Integrated shield greatly reduces capacitive coupling
from current conductor to die due to high dV/dt signals,
and prevents offset drift in high-side, high-voltage
applications
• Greatly improved total output error through digitally
programmed and compensated gain and offset over the
full operating temperature range
• Small package size, with easy mounting capability
• Monolithic Hall IC for high reliability
• Output voltage proportional to AC or DC currents
• Factory-trimmed for accuracy
• Extremely stable output offset voltage




Similar Part No. - ACS773

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773ECB-200B-PFF-T ALLEGRO-ACS773ECB-200B-PFF-T Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773ECB-250U-PSF-T ALLEGRO-ACS773ECB-250U-PSF-T Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773KCB-150B-PFF-T ALLEGRO-ACS773KCB-150B-PFF-T Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773LCB-050B-PFF-T ALLEGRO-ACS773LCB-050B-PFF-T Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
More results


Similar Description - ACS773

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
High Accuracy, Hall-effect Based Current Sensor
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com