Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2977IUPPBF Datasheet (PDF) - Analog Devices

LTC2977IUPPBF Datasheet PDF - Analog Devices
Part # LTC2977IUPPBF
Download  LTC2977IUPPBF Download
File Size   1657.87 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement

LTC2977IUPPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2977IUPPBF Datasheet PDF - Analog Devices

Part # LTC2977IUPPBF
Download  LTC2977IUPPBF Click to download

File Size   1657.87 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement

LTC2977IUPPBF Datasheet (HTML) - Analog Devices


LTC2977IUPPBF Product details

DESCRIPTION
The LTC®2977 is an 8-channel Power System Manager
used to sequence, trim (servo), margin, supervise,
manage faults, provide telemetry and create fault logs.
PMBus commands support power supply sequencing,
precision point-of-load voltage adjustment and margining.
DACs use a proprietary soft-connect algorithm to
minimize supply disturbances. Supervisory functions
include overvoltage and undervoltage threshold limits
for eight power supply output channels and one power
supply input channel, as well as over and under temperature
limits. Programmable fault responses can disable the
power supplies with optional retry after a fault is detected.
Faults that disable a power supply can automatically trigger
black box EEPROM storage of fault status and associated
telemetry. An internal 16-bit ADC monitors eight
output voltages, one input voltage, and die temperature.
In addition, odd numbered channels can be configured
to measure the voltage across a current sense resistor. A
programmable watchdog timer monitors microprocessor
activity for a stalled condition and resets the microprocessor
if necessary. A single wire bus synchronizes power
supplies across multiple LTC Power System Management
(PSM) devices. Configuration EEPROM with ECC supports
autonomous operation without additional software.

FEATURES
- Sequence, Trim, Margin and Supervise Eight Power
Supplies
- Manage Faults, Monitor Telemetry and Create Fault Logs
- PMBus™ Compliant Command Set
- Supported by LTpowerPlay® GUI
- Margin or Trim Supplies to Within 0.25% of Target
- Fast OV/UV Supervisors Per Channel
- Coordinate Sequencing and Fault Management
Across Multiple LTC PSM Devices
- Automatic Fault Logging to Internal EEPROM
- Operate Autonomously without Additional Software
- Internal Temperature and Input Voltage Supervisors
- Accurate Monitoring of Eight Output Voltages, Input
Voltage and Internal Die Temperature
- I2C/SMBus Serial Interface
- Can Be Powered from 3.3V, or 4.5V to 15V
- Programmable Watchdog Timer
- 100% Pin-Compatible Upgrade to the LTC2978/LTC2978A
- Available in 64-Pin 9mm × 9mm QFN Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- Computers and Network Servers
- Industrial Test and Measurement
- High Reliability Systems
- Medical Imaging
- Video




Similar Part No. - LTC2977IUPPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2977IUPPBF LINER-LTC2977IUPPBF Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Similar Description - LTC2977IUPPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
System Power Measurement IC with PMBus?
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2974 LINER-LTC2974_15 Datasheet
976Kb / 98P
4-Channel PMBus Power System Manager Featuring Accurate Output Current Measurement
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
LTC2977 LINER-LTC2977_15 Datasheet
1Mb / 94P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2978A LINER-LTC2978A_15 Datasheet
950Kb / 82P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com