Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE Datasheet (PDF) - Vishay Siliconix

STE Datasheet PDF - Vishay Siliconix
Part # STE
Download  STE Download
File Size   128.44 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range

STE Datasheet (PDF)

Go To PDF Page Download Datasheet
STE Datasheet PDF - Vishay Siliconix

Part # STE
Download  STE Click to download

File Size   128.44 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range

STE Datasheet (HTML) - Vishay Siliconix


STE Product details

FEATURES
Vishay SuperTan® Extended (STE) represents a
major breakthrough in wet tantalum capacitor
technology. Its unique cathode system, also used
in the ST, provides the highest capacitance per
unit volume available. The STE combines the
inherent reliability of wet tantalum with the capacitance
stability of solid tantalum, and there are no circuit
impedance restrictions. The range is exceptionally well
suited for low voltage filtering and energy storage
applications. Ideal for designs targeting the military and
aerospace industry.
The SuperTan® Extended (STE) is housed in an all tantalum,
hermetically sealed case and is manufactured to withstand
high stress and hazardous environments.
• Axial through-hole terminations: standard tin / lead (Sn / Pb),
100 % tin (RoHS-compliant) available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - STE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
SICK AG
STE-0612G000GA3KM0 SICK-STE-0612G000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
328Kb / 4P
Plug connector
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
More results


Similar Description - STE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
Super Tan® Wet Tantalum Capacitors with Hermetic Seal
17-Jul-08
93026-44KS VISHAY-93026-44KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan® Wet Tantalum Capacitors
01-Feb-12
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan Wet Tantalum Capacitors
01-Feb-12
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
07-Nov-14
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
SuperTan Wet Tantalum Capacitors with Hermetic Seal
13-Oct-14
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
STA VISHAY-STA Datasheet
67Kb / 3P
Wet Tantalum Capacitors with Hermetic Seal
13-Oct-2020
ST VISHAY-ST Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com