Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8132B4PB-8D-F-R Datasheet (PDF) - Micron Technology

EDB8132B4PB-8D-F-R Datasheet PDF - Micron Technology
Part # EDB8132B4PB-8D-F-R
Download  EDB8132B4PB-8D-F-R Download
File Size   1917.32 Kbytes
Page   146 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Embedded LPDDR2 SDRAM

EDB8132B4PB-8D-F-R Datasheet (PDF)

Go To PDF Page Download Datasheet
EDB8132B4PB-8D-F-R Datasheet PDF - Micron Technology

Part # EDB8132B4PB-8D-F-R
Download  EDB8132B4PB-8D-F-R Click to download

File Size   1917.32 Kbytes
Page   146 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Embedded LPDDR2 SDRAM

EDB8132B4PB-8D-F-R Datasheet (HTML) - Micron Technology


EDB8132B4PB-8D-F-R Product details

Features
• Ultra-low-voltage core and I/O power supplies
• Frequency range
– 400 MHz (data rate: 800 Mb/s/pin)
• 4n prefetch DDR architecture
• 8 internal banks for concurrent operation
• Multiplexed, double data rate, command/address
inputs; commands entered on each CK_t/CK_c
edge
• Bidirectional/differential data strobe per byte of
data (DQS_t/DQS_c)
• Programmable READ and WRITE latencies (RL/WL)
• Burst length: 4, 8, and 16
• Per-bank refresh for concurrent operation
• Auto temperature-compensated self refresh
(ATCSR) by built-in temperature sensor
• Partial-array self refresh (PASR)
• Deep power-down mode (DPD)
• Selectable output drive strength (DS)
• Clock-stop capability
• Lead-free (RoHS-compliant) and halogen-free
packaging

Options Marking
• Density/Chip select
– 8Gb/2-CS - dual die 81
• Organization
– x32 32
• VDD1/VDD2/VDDQ: 1.8V/1.2V/1.2V B
• Revision 4
• FBGA “green” package
– 12mm x 12mm x 0.8mm, 168-ball PB
• Timing – cycle time
– 2.5ns @ RL = 6 -8D
• Operating temperature range
– From –30°C to +85°C Blank




Similar Part No. - EDB8132B4PB-8D-F-R

ManufacturerPart #DatasheetDescription
logo
Micron Technology
EDB8164B4PK MICRON-EDB8164B4PK Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
EDB8164B4PK-1DATF-D MICRON-EDB8164B4PK-1DATF-D Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
EDB8164B4PK-1DATF-R MICRON-EDB8164B4PK-1DATF-R Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
EDB8164B4PK-1DITF-D MICRON-EDB8164B4PK-1DITF-D Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
EDB8164B4PK-1DITF-R MICRON-EDB8164B4PK-1DITF-R Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
More results


Similar Description - EDB8132B4PB-8D-F-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2986 GMT-G2986 Datasheet
135Kb / 1P
LPDDR2/LPDDR3 Termination Regulator
logo
Winbond
W979H6KBVX2I-TR WINBOND-W979H6KBVX2I-TR Datasheet
2Mb / 122P
LPDDR2-S4B 512Mb
logo
Nanya Technology Corpor...
NT6TL64M16BQ NANYA-NT6TL64M16BQ Datasheet
4Mb / 156P
Commercial and Industrial Mobile LPDDR2 1Gb SDRAM
NT6TL64M32CQ NANYA-NT6TL64M32CQ Datasheet
4Mb / 165P
Commercial and Industrial Mobile LPDDR2 2Gb / 4Gb(DDP) SDRAM
NT6TL64M32CX NANYA-NT6TL64M32CX Datasheet
4Mb / 152P
Commercial Mobile LPDDR2 2Gb SDRAM
NT6TL128M32BQ NANYA-NT6TL128M32BQ Datasheet
5Mb / 165P
Commercial and Industrial Mobile LPDDR2 4Gb / 8Gb(DDP) SDRAM
logo
Alliance Semiconductor ...
AS4C8M32MD2A-25BCN ALSC-AS4C8M32MD2A-25BCN Datasheet
1Mb / 75P
8M x 32 Mobile LPDDR2 Synchronous DRAM (SDRAM)
AS4C8M32MD2A-25BPCN ALSC-AS4C8M32MD2A-25BPCN Datasheet
1Mb / 75P
8M x 32 Mobile LPDDR2 Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
8M x 16 Bit x 8 Banks LPDDR2 SDRAM
logo
Micron Technology
EDB8164B4PR MICRON-EDB8164B4PR Datasheet
2Mb / 152P
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
Rev. F 08 /16 EN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com