Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC5 Datasheet (PDF) - Artesyn Technologies

AFC5 Datasheet PDF - Artesyn Technologies
Part # AFC5
Download  AFC5 Download
File Size   55.26 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single and dual output

AFC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFC5 Datasheet PDF - Artesyn Technologies

Part # AFC5
Download  AFC5 Click to download

File Size   55.26 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single and dual output

AFC5 Datasheet (HTML) - Artesyn Technologies


AFC5 Product details

The AFC5 Series of fixed frequency DC/DC converters provide 5 Watts of power, low output noise and tight output regulation, all housed within a 2 x 1 inch case. Six sided shielding to negate radiated noise and a non conductive base to prevent shorting to the PCB are standard features. Short circuit protection, isolation voltage of 500VDC, and a voltage accuracy of ±1% are included to offer the best possible solution to a system designer’s low power needs. Ideal applications for the AFC5 are data acquisition, digital to analog and analog to digital conversion. AFC5 Series DC/DC converters are suitable for a wide range of general industrial applications, especially where low noise levels are required.



• Linear regulated outputs

• Very low output noise

• 2 x 1 x 0.375 inch package

• Six sided shielding

• Short circuit protection

• UL94V-0 case



 




Similar Part No. - AFC5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5-05D12-F ARTESYN-AFC5-05D12-F Datasheet
52Kb / 2P
Dual output
AFC5-05D15-F ARTESYN-AFC5-05D15-F Datasheet
52Kb / 2P
Dual output
AFC5-12D12-F ARTESYN-AFC5-12D12-F Datasheet
52Kb / 2P
Dual output
AFC5-12D15-F ARTESYN-AFC5-12D15-F Datasheet
52Kb / 2P
Dual output
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
Dual output
More results


Similar Description - AFC5

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
Single and Dual Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
Single and Dual Output
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
Single and Dual Output
logo
Wall Industries,Inc.
DMW WALL-DMW_16 Datasheet
294Kb / 6P
Single and Dual Output
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
Single and Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com