Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEM-2 Datasheet (PDF) - TRACO Electronic AG

TEM-2 Datasheet PDF - TRACO Electronic AG
Part # TEM-2
Download  TEM-2 Download
File Size   264.2 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEM 2 Series, 2 Watt

TEM-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEM-2 Datasheet PDF - TRACO Electronic AG

Part # TEM-2
Download  TEM-2 Click to download

File Size   264.2 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEM 2 Series, 2 Watt

TEM-2 Datasheet (HTML) - TRACO Electronic AG


TEM-2 Product details

Features
◆ DIL-24 plastic package
◆ Tightly regulated output
◆ Very low output noise
◆ Short circuit protection
◆ Operating temperature
range –25°C to +70°C
◆ I/O isolation 1’000 VDC
◆ Internal filter
◆ Industry standard pinout
◆ 3-year product warranty




Similar Part No. - TEM-2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
TEM0037-2009 MULTICOMP-TEM0037-2009 Datasheet
145Kb / 1P
Telephone Cable
22/01/21 V1.0
logo
List of Unclassifed Man...
TEM03 ETC1-TEM03 Datasheet
109Kb / 2P
TEM03 SERIES
logo
RSG Electronic Componen...
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
TEM03-05D12 ETC1-TEM03-05D12 Datasheet
109Kb / 2P
TEM03 SERIES
logo
Power Mate Technology C...
TEM03-05D12 P-DUKE-TEM03-05D12 Datasheet
280Kb / 3P
3 WATTS MAXIMUM OUTPUT POWER
More results


Similar Description - TEM-2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com