Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN3 Datasheet (PDF) - TRACO Electronic AG

TEN3 Datasheet PDF - TRACO Electronic AG
Part # TEN3
Download  TEN3 Download
File Size   274.77 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 3 Series, 3 Watt

TEN3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN3 Datasheet PDF - TRACO Electronic AG

Part # TEN3
Download  TEN3 Click to download

File Size   274.77 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 3 Series, 3 Watt

TEN3 Datasheet (HTML) - TRACO Electronic AG


TEN3 Product details

Features
u Wide 2 : 1 input range
u High efficiency up to 84%
u Full SMD-design
u Short circuit protection
u Extended operating temperature
range –40°C to 85°C
u I/O isolation 1’500 VDC
u Input filter to meet EN 55022, Class A
and FCC, level A without external
components
u 24-pin DIP with industry standard
pinout
u High reliability, MTBF >1.1 Mio. h
u 3-year product warranty




Similar Part No. - TEN3

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN3-0510N TRACOPOWER-TEN3-0510N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3-0511N TRACOPOWER-TEN3-0511N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3-0512N TRACOPOWER-TEN3-0512N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3-0513N TRACOPOWER-TEN3-0513N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
TEN3-0515N TRACOPOWER-TEN3-0515N Datasheet
932Kb / 4P
TEN 3N Series, 3 Watt
Rev. Januaryy 19, 2023
More results


Similar Description - TEN3

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
3 watt dc-dc converters
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
3 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEL3 TRACOPOWER-TEL3 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com