Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES2N Datasheet (PDF) - TRACO Electronic AG

TES2N Datasheet PDF - TRACO Electronic AG
Part # TES2N
Download  TES2N Download
File Size   210.19 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TES 2N Series, 2 Watt

TES2N Datasheet (PDF)

Go To PDF Page Download Datasheet
TES2N Datasheet PDF - TRACO Electronic AG

Part # TES2N
Download  TES2N Click to download

File Size   210.19 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TES 2N Series, 2 Watt

TES2N Datasheet (HTML) - TRACO Electronic AG


TES2N Product details

Features
◆ Low profile SMD-package
◆ Wide 2:1 input voltage range
◆ I/O isolation 1500 VDC
◆ Input filter meets EN55022, class A
◆ Operating temperature range
–40°C to +85°C
◆ Short-circuit protection
◆ Qualified for leadfree reflow solder
process according IPC J-STD-020D.1
◆ Available in tape and reel package
◆ Bears washing process
◆ 3-year product warranty




Similar Part No. - TES2N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES2-0510H TRACOPOWER-TES2-0510H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0511H TRACOPOWER-TES2-0511H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0511M TRACOPOWER-TES2-0511M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES2-0512H TRACOPOWER-TES2-0512H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2-0512M TRACOPOWER-TES2-0512M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
More results


Similar Description - TES2N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
TRACO Electronic AG
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com