Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOS06-05SIL Datasheet (PDF) - TRACO Electronic AG

TOS06-05SIL Datasheet PDF - TRACO Electronic AG
Part # TOS06-05SIL
Download  TOS06-05SIL Download
File Size   958.08 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TOS 06SIL Series, 6 A

TOS06-05SIL Datasheet (PDF)

Go To PDF Page Download Datasheet
TOS06-05SIL Datasheet PDF - TRACO Electronic AG

Part # TOS06-05SIL
Download  TOS06-05SIL Click to download

File Size   958.08 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TOS 06SIL Series, 6 A

TOS06-05SIL Datasheet (HTML) - TRACO Electronic AG


TOS06-05SIL Product details

• Small size, low profile
• SIP version
• Cost-efficient open frame design
• Wide input voltage ranges
• Output voltages trim from 0.75 VDC to
5.0 VDC
• Delivers up to 6 A with minimal derating
• Ultra high efficiency to 94 %
• Fast transient response
• Remote On/Off control
• Wide temperature range –40°C to
+85°C




Similar Part No. - TOS06-05SIL

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TOS06-05SM TRACOPOWER-TOS06-05SM Datasheet
946Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 06SM Series, 6 A
Rev. November 30, 2022
More results


Similar Description - TOS06-05SIL

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
TRACO Electronic AG
TOS06SM TRACOPOWER-TOS06SM Datasheet
946Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 06SM Series, 6 A
Rev. November 30, 2022
TOS10SIL TRACOPOWER-TOS10SIL Datasheet
907Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 10SIL Series, 10 A
Rev. November 30, 2022
TOS10SM TRACOPOWER-TOS10SM Datasheet
998Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 10SM Series, 10 A
Rev. November 30, 2022
TOS16SIL TRACOPOWER-TOS16SIL Datasheet
949Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 16SIL Series, 16 A
Rev. November 30, 2022
TOS16SM TRACOPOWER-TOS16SM Datasheet
994Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 16SM Series, 16 A
Rev. November 30, 2022
TOS30SIL TRACOPOWER-TOS30SIL Datasheet
902Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SIL Series, 30 A
Rev. November 30, 2022
TOS30SM TRACOPOWER-TOS30SM Datasheet
810Kb / 4P
Non-Isolated DC/DC Converter (POL) TOS 30SM Series, 30 A
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com