Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCMLND150PG2C3 Datasheet (PDF) - Honeywell Accelerometers

HSCMLND150PG2C3 Datasheet PDF - Honeywell Accelerometers
Part # HSCMLND150PG2C3
Download  HSCMLND150PG2C3 Download
File Size   4674.01 Kbytes
Page   33 Pages
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Description TruStability® Board Mount Pressure Sensors

HSCMLND150PG2C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSCMLND150PG2C3 Datasheet PDF - Honeywell Accelerometers

Part # HSCMLND150PG2C3
Download  HSCMLND150PG2C3 Click to download

File Size   4674.01 Kbytes
Page   33 Pages
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Description TruStability® Board Mount Pressure Sensors

HSCMLND150PG2C3 Datasheet (HTML) - Honeywell Accelerometers


HSCMLND150PG2C3 Product details

Features and Benefits
Industry-leading accuracy
Extremely tight accuracy of ±0.25 %FSS BFSL (Full Scale Span Best Fit Straight
Line) reduces software needed to correct system inaccuracies, minimizing system
design time:
• Avoids additional customer calibration.
• Helps to improve system efficiency.
• Often simplifies software development.
High burst pressures
• Promotes system reliability and reduces potential system downtime.
• Can simplify the design process.
High working pressure ranges
Allows ultra-low pressure sensors to be used continuously well above the
calibrated pressure range.
Industry-leading flexibility
Modular, flexible design with many package styles (with the same industryleading
stability), pressure ports, and options simplify integration into the device
manufacturer’s application.
Wide variety of pressure ranges
From ±1.6 mbar to ±10 bar | ±160 Pa to ±1 MPa | ±0.5 inH2O to 150 psi provide
support for many unique applications.
Meets IPC/JEDEC J-STD-020D.1 Moisture Sensitivity Level
1 requirementS
• Allows the customer to avoid the thermal and mechanical damage during
solder reflow attachment and/or repair that lesser rated products would incur.
• Allows unlimited floor life when stored as specified (<30 ºC/85 %RH),
simplifying storage and reducing scrap.
• Never requires lengthy bakes prior to reflow.
• Stable and usable shortly after reflow process allows for lean manufacturing.
OPTIONAL Internal diagnostic functions
• May reduce the need for redundant sensors in the system.
• Detects most internal failures including burst sensors.
Energy efficient
Extremely low power consumption (less than 10 mW, typ.):
• Reduces system power requirements.
• Enables extended battery life.
• Optional sleep mode available upon special request.
Output: ratiometric analog; I2C- or SPI-compa tible
14-bit digital output (min. 12-bit sensor resolution)
Accelerates performance through reduced conversion requirements and the
convenience of direct interface to microprocessors.
Small size
Miniature 10 mm x 10 mm [0.39 in x 0.39 in] package is very small when
compared to many board mount pressure sensors:
• Occupies less area on the PCB.
• Typically allows for easy placement on crowded PCBs or in small devices.
REACH and RoHS compliant
Liquid media option
• Provides robustness in environments with condensing humidity.
• Compatible with a variety of non-ionic fluids.
• Available for pressure ranges above 40 mbar | 4 kPa | 20 inH20.




Similar Part No. - HSCMLND150PG2C3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HSCMLND015PASA3 HONEYWELL-ACC-HSCMLND015PASA3 Datasheet
1Mb / 12P
TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
HSCMLND030PASA3 HONEYWELL-ACC-HSCMLND030PASA3 Datasheet
1Mb / 12P
TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
HSCMLND060PASA3 HONEYWELL-ACC-HSCMLND060PASA3 Datasheet
1Mb / 12P
TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
More results


Similar Description - HSCMLND150PG2C3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SXL010GSMT SENSORTECHNICS-SXL010GSMT Datasheet
91Kb / 2P
Surface mount pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
logo
Honeywell Accelerometer...
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
All Sensors Corporation
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-001G-LP ASC-CSM-001G-LP Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
logo
Honeywell Solid State E...
MPRLS0025PA00001A HONEYWELL-MPRLS0025PA00001A Datasheet
3Mb / 26P
MicroPressure Board Mount Pressure Sensors Compact, High Accuracy, Compensated/Amplified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com