Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRPB22VWCS-RC Datasheet (PDF) - List of Unclassifed Manufacturers

GRPB22VWCS-RC Datasheet PDF - List of Unclassifed Manufacturers
Part # GRPB22VWCS-RC
Download  GRPB22VWCS-RC Download
File Size   467.62 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT

GRPB22VWCS-RC Datasheet (PDF)

Go To PDF Page Download Datasheet
GRPB22VWCS-RC Datasheet PDF - List of Unclassifed Manufacturers

Part # GRPB22VWCS-RC
Download  GRPB22VWCS-RC Click to download

File Size   467.62 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT

GRPB22VWCS-RC Datasheet (HTML) - List of Unclassifed Manufacturers


GRPB22VWCS-RC Product details

SPECIFICATIONS
• Insulator Material: Nylon
• Contact Material: Brass
• Plating: Gold Flash Overall
• 1 Amp current rating
• UL Flammability Rating: 94V-0
• Stacker Options available - Consult factory




Similar Part No. - GRPB22VWCS-RC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
GRPB2MWCC-RC SILABS-GRPB2MWCC-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
GRPB2MWCN-RC SILABS-GRPB2MWCN-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
GRPB2MWCP-RC SILABS-GRPB2MWCP-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
GRPB2MWCS-RC SILABS-GRPB2MWCS-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
GRPB2VWCC-RC SILABS-GRPB2VWCC-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
More results


Similar Description - GRPB22VWCS-RC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
S2BSR682BL2 ADAM-TECH-S2BSR682BL2 Datasheet
120Kb / 1P
.050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT
S2B-SR-14 ADAM-TECH-S2B-SR-14 Datasheet
117Kb / 1P
.050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT
HPH1-A ADAM-TECH-HPH1-A Datasheet
211Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2-A ADAM-TECH-HPH2-A Datasheet
173Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2B100SGA ADAM-TECH-HPH2B100SGA Datasheet
164Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
logo
List of Unclassifed Man...
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
logo
Samtec, Inc
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
logo
List of Unclassifed Man...
GRPBXX1VWVN-RC ETC-GRPBXX1VWVN-RC Datasheet
467Kb / 2P
.050” [1.27 mm] Contact Centers, Male Headers,Straight/Right Angle/SMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com