Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11L2 Datasheet (PDF) - List of Unclassifed Manufacturers

H11L2 Datasheet PDF - List of Unclassifed Manufacturers
Part # H11L2
Download  H11L2 Download
File Size   62.86 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR

H11L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11L2 Datasheet PDF - List of Unclassifed Manufacturers

Part # H11L2
Download  H11L2 Click to download

File Size   62.86 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR

H11L2 Datasheet (HTML) - List of Unclassifed Manufacturers


H11L2 Product details

DESCRIPTION

The H11L1, 2, 3, 4 series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode and a Microprocessor Compatible Schmitt trigger output mounted in a standard 6 pin dual in line package.



FEATURES

• Options :-

    10mm lead spread - add G after part no.

    Surface mount - add SM after part no.

    Tape&reel - add SMT&R after part no.

• High data rate, 1MHz typical (NRZ)

• Microprocessor compatible drive

• Logic compatible output sinks 16 milliamperes at 0.4 volts maximum

• High Isolation Voltage (5.3kVRMS ,7.5kVPK )

• High common mode rejection ratio

• Fast swiching : t rise, t fall = 100ns typical

• Wide supply voltage capability, compatible with all popular logic systems

• Guaranteed On / Off threshold hysteresis



APPLICATIONS

• Logic to logic isolator

• Line receiver-eliminates noise and transient problems

• Programmable current level sensor

• AC to TTL conversion - square wave shaping

• Digital programming of power supplies

• Interfaces computers with peripherals



 




Similar Part No. - H11L2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L2 MOTOROLA-H11L2 Datasheet
275Kb / 6P
6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L2 QT-H11L2 Datasheet
434Kb / 6P
MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
H11L2 QT-H11L2 Datasheet
276Kb / 6P
6-pin dip optoisolators logic output
logo
Everlight Electronics C...
H11L2 EVERLIGHT-H11L2 Datasheet
297Kb / 11P
6 PIN DIP PHOTO COUPLER
logo
ISOCOM COMPONENTS
H11L2 ISOCOM-H11L2 Datasheet
131Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
More results


Similar Description - H11L2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
IS609 ISOCOM-IS609 Datasheet
67Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
IS900 ISOCOM-IS900 Datasheet
430Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
MOC5007 ISOCOM-MOC5007 Datasheet
403Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11L1SMTR ISOCOM-H11L1SMTR Datasheet
131Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com