Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N1500 Datasheet (PDF) - Artesyn Technologies

N1500 Datasheet PDF - Artesyn Technologies
Part # N1500
Download  N1500 Download
File Size   63.54 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC

N1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
N1500 Datasheet PDF - Artesyn Technologies

Part # N1500
Download  N1500 Click to download

File Size   63.54 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC

N1500 Datasheet (HTML) - Artesyn Technologies


N1500 Product details

Single, and dual output

The N1500 and N2000 series are a range of system-orientated, single or dual output power supplies with output powers of 1500W and 2000W. Harmonically corrected, they operate from 180VAC to 264VAC. World wide safety approvals are standard. Fan cooled and enclosed in the industry standard 5 x 8 x 11 inch form, the N1500 and N2000 series are an ideal choice when the economy and predictable performance of a centralized system power supply are desired. By utilizing dual high current converters, operating independently or together, a wide variety of output voltage and current combinations can be factory configured. The N1500 and N2000 extend the range of the N1000 family. Forced current share provides higher current to satisfy needs in large systems, or to power expansion chassis. Dual output models at 5VDC/12VDC are perfect to power mass storage systems. Other applications might use 5VDC/3.3VDC, both operating at high currents. Single output versions, operating alone or in redundant mode provide an economic power source for distributed systems. System interface signals include AC and DC good, current monitor (V1). OVP, OCP, overtemperature protection, remote enable, margin check inhibit as standard. By combining robust performance and broad range, the N1500 and N2000 series sets the standard for centralized system power supplies.

• Active harmonic correction to EN61000-3-2
• 180VAC to 264VAC input voltage range
• Flexible output voltage configuration
• Two output power ratings
• Forced current sharing, all outputs
• DC OK (including LED)
• UL, CSA and TÜV safety approvals
• Industry standard 5 x 8 x 11 inch footprint




Similar Part No. - N1500

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
N150 IVO-N150 Datasheet
457Kb / 4P
Spindle Position Displays
N150.103AA01 IVO-N150.103AA01 Datasheet
457Kb / 4P
Spindle Position Displays
N150.103BA01 IVO-N150.103BA01 Datasheet
457Kb / 4P
Spindle Position Displays
N150.113AA01 IVO-N150.113AA01 Datasheet
457Kb / 4P
Spindle Position Displays
N150.113BA01 IVO-N150.113BA01 Datasheet
457Kb / 4P
Spindle Position Displays
More results


Similar Description - N1500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
Quad output 350 Watt AC/DC high wattage power supplies with PFC
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
L2000 ARTESYN-L2000 Datasheet
61Kb / 4P
Single output 2000 Watt AC/DC high current power supplies
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
N1000 ARTESYN-N1000 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
Single and dual output 25 Watt AC/DC external power supplies
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS600 WALL-PS600 Datasheet
157Kb / 4P
600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com