Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A771 Datasheet (PDF) - Kemet Corporation

A771 Datasheet PDF - Kemet Corporation
Part # A771
Download  A771 Download
File Size   2385.87 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Solid Polymer Aluminum Capacitors A771 125°C, Long Life, High Ripple

A771 Datasheet (PDF)

Go To PDF Page Download Datasheet
A771 Datasheet PDF - Kemet Corporation

Part # A771
Download  A771 Click to download

File Size   2385.87 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Solid Polymer Aluminum Capacitors A771 125°C, Long Life, High Ripple

A771 Datasheet (HTML) - Kemet Corporation


A771 Product details

Overview
KEMET’s A771 Surface Mount Solid Polymer Aluminum
Capacitors offer 4,000h lifetime and greater stability across
a wide range of temperatures. This highly conductive solid
polymer electrolyte eliminates the risk of drying out and, due
to its ultra low ESR properties, is able to withstand higher
ripple currents during normal operation, up to +35% when
compared to A768 series. The A771 is AEC-Q200 qualified,
ideally suited for automotive and industrial applications.
Anti-Vibration version is available for 10 mm diameter. If
CV/Size is not available please contact your local Sales
Representative for more information.

Applications
Typical applications include long life LED drivers,
professional power amplifiers, industrial power supplies,
DC/DC converters, voltage regulators, and decoupling.
This series is used for automotive powertrain.

Benefits
• High temperature and long lifetime: 125°C/4,000 hours
• High ripple current up to 3.6 ARMS
• Ultra low impedance
• High vibration resistance up to 30 g
• Surface mount form factor
• RoHS compliant
• Halogen-free




Similar Part No. - A771

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A77145-000 TEC-A77145-000 Datasheet
637Kb / 2P
Raychem S200 Shield Terminators
07/17
More results


Similar Description - A771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRDEL ETC2-ESRDEL Datasheet
95Kb / 6P
SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
logo
Cornell Dubilier Electr...
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
MLS193M5R0EK0C CDE-MLS193M5R0EK0C Datasheet
467Kb / 4P
125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Nov-11
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Mar-11
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
Long life, High ripple, 135?
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com