Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFT-20Y28F Datasheet (PDF) - Bel Fuse Inc.

RFT-20Y28F Datasheet PDF - Bel Fuse Inc.
Part # RFT-20Y28F
Download  RFT-20Y28F Download
File Size   1117.68 Kbytes
Page   10 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 20 W Isolated DC-DC Converter

RFT-20Y28F Datasheet (PDF)

Go To PDF Page Download Datasheet
RFT-20Y28F Datasheet PDF - Bel Fuse Inc.

Part # RFT-20Y28F
Download  RFT-20Y28F Click to download

File Size   1117.68 Kbytes
Page   10 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 20 W Isolated DC-DC Converter

RFT-20Y28F Datasheet (HTML) - Bel Fuse Inc.


RFT-20Y28F Product details

The RFT-20Y Series is a high-performance product,
specifically designed for a variety of railway applications.
The DC-DC converters feature 20 W single output voltage,
wide input voltage from 14 - 160 VDC and extended
operating temperature range from -40 to 105°C.
Additional product features include input under-voltage
protection, output over-voltage, short-circuit, over-current
and over-temperature protection and output voltage
trim adjustment. The products are widely used in railway
systems and associated equipment.

Key Features & Benefits
• Ultra-wide 12:1 input voltage range: 14 – 160 VDC
• High efficiency up to 90%
• Reinforced insulation, I/O isolation test voltage 3 kVAC
• Operating ambient temperature range -40 °C to +105 °C
• Input under-voltage protection, output over–voltage, overcurrent,
short-circuit protection, over-temperature protection
• Industry standard 2" x 1" package and pin-out
• Meets EN 50155 and AREMA standard
• Safety approved according to IEC 62368-1 & UL/CSA 62368-1

Applications
• Railway related equipment




Similar Part No. - RFT-20Y28F

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RFT-220A-B PATLITE-RFT-220A-B Datasheet
837Kb / 4P
Upright
Rev. F
RFT-220A-G PATLITE-RFT-220A-G Datasheet
837Kb / 4P
Upright
Rev. F
RFT-220A-R PATLITE-RFT-220A-R Datasheet
837Kb / 4P
Upright
Rev. F
RFT-220A-Y PATLITE-RFT-220A-Y Datasheet
837Kb / 4P
Upright
Rev. F
RFT-220C-B PATLITE-RFT-220C-B Datasheet
837Kb / 4P
Upright
Rev. F
More results


Similar Description - RFT-20Y28F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
100-W 20-A Programmable Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
100-W 20-A Programmable Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RQB-50Y BEL-RQB-50Y_V01 Datasheet
1Mb / 14P
50 W Isolated DC-DC Converter
05 December 2022
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
10 W Isolated DC-DC Converter
16 December 2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com