Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55XX Datasheet (PDF) - STMicroelectronics

STM32WB55XX Datasheet PDF - STMicroelectronics
Part # STM32WB55XX_V01
Download  STM32WB55XX Download
File Size   3058.81 Kbytes
Page   196 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution

STM32WB55XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WB55XX Datasheet PDF - STMicroelectronics

Part # STM32WB55XX_V01
Download  STM32WB55XX Click to download

File Size   3058.81 Kbytes
Page   196 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution

STM32WB55XX Datasheet (HTML) - STMicroelectronics


STM32WB55XX Product details

Features
• Include ST state-of-the-art patented
technology
• Radio
– 2.4 GHz
– RF transceiver supporting Bluetooth® 5.3
specification, IEEE 802.15.4-2011 PHY
and MAC, supporting Thread and
Zigbee® 3.0
– RX sensitivity: -96 dBm (Bluetooth® Low
Energy at 1 Mbps), -100 dBm (802.15.4)
– Programmable output power up to +6 dBm
with 1 dB steps
– Integrated balun to reduce BOM
– Support for 2 Mbps
– Support advertising extension
– Dedicated Arm® 32-bit Cortex® M0+ CPU
for real-time Radio layer
– Accurate RSSI to enable power control
– Suitable for systems requiring compliance
with radio frequency regulations ETSI EN
300 328, EN 300 440, FCC CFR47 Part 15
and ARIB STD-T66
– Support for external PA
– Available integrated passive device (IPD)
companion chip for optimized matching
solution (MLPF-WB-01E3, or
MLPF-WB55-02E3, or MLPF-WB-02D3)
• Ultra-low-power platform
– 1.71 to 3.6 V power supply
– – 40 °C to 85 / 105 °C temperature ranges
– 13 nA shutdown mode
– 600 nA Standby mode + RTC + 32 KB RAM
– 2.1 μA Stop mode + RTC + 256 KB RAM
– Active-mode MCU: < 53 μA / MHz when RF and SMPS on
– Radio: Rx 4.5 mA / Tx at 0 dBm 5.2 mA




Similar Part No. - STM32WB55XX_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX Datasheet
2Mb / 165P
Multiprotocol wireless 32-bit MCU Arm
08-Oct-2018
STM32WB55XX STMICROELECTRONICS-STM32WB55XX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
More results


Similar Description - STM32WB55XX_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V01 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V02 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32WB50CG STMICROELECTRONICS-STM32WB50CG Datasheet
2Mb / 119P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
April 2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
NXP Semiconductors
K22P121M120SF7 NXP-K22P121M120SF7_V01 Datasheet
1Mb / 87P
Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU
Rev. 8 06/2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com