Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2368650 Datasheet (PDF) - TE Connectivity Ltd

2368650 Datasheet PDF - TE Connectivity Ltd
Part # 2368650
Download  2368650 Download
File Size   279.87 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 100G QSFP28 Active Optical Cable

2368650 Datasheet (PDF)

Go To PDF Page Download Datasheet
2368650 Datasheet PDF - TE Connectivity Ltd

Part # 2368650
Download  2368650 Click to download

File Size   279.87 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 100G QSFP28 Active Optical Cable

2368650 Datasheet (HTML) - TE Connectivity Ltd


2368650 Product details

FEATURES
• Four-channel full duplex active optical cable
• Multi-rate capability: 10 Gbps to 25.78125 Gbps per channel
• Low power consumption: < 2.5 W per cable end
• Single 3.3 V power supply
• Maximum link length of 70m on OM3 or 100m on OM4
• Built-in digital diagnostic functions, compliant with SFF-8636
• Hot pluggable
• Commercial operating case temperature
range: 0 to 70°C
• RoHS compliant

APPLICATION
• 10/25/40/100G Ethernet




Similar Part No. - 2368650

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2368651 TEC-2368651 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368651-1 TEC-2368651-1 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368651-2 TEC-2368651-2 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368651-3 TEC-2368651-3 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368651-4 TEC-2368651-4 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
More results


Similar Description - 2368650

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
100G Quadwire짰 EDR QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com