Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXI100 Datasheet (PDF) - Artesyn Technologies

NXI100 Datasheet PDF - Artesyn Technologies
Part # NXI100
Download  NXI100 Download
File Size   203.45 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 81 A Non-Isolated DC-DC Converters

NXI100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXI100 Datasheet PDF - Artesyn Technologies

Part # NXI100
Download  NXI100 Click to download

File Size   203.45 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 81 A Non-Isolated DC-DC Converters

NXI100 Datasheet (HTML) - Artesyn Technologies


NXI100 Product details

The NXI100 non-isolated dc-dc converter simplifies the application of Intel Xeon(TM) or Pentium®4 processors by providing a purpose-designed, point-of-load, power management solution for low-profile applications. Capable of delivering 81 A, and meeting the exceptional transient response requirements of these loads, the converter comes in a versatile, PCBpluggable form. Artesyn utilizes advanced circuit techniques, component selection and state-of-the-art thermal packaging, to deliver reliable high power density. Multi-phase power conversion provides industry-leading conversion efficiency without adding unneccesary complexity, and NXI100 meets the precise regulation specifications of VRM9.0/9.1 without expensive external components. An active circuit guarantees the current sharing specification is met during static or dynamic loading conditions.

• Designed for VRM9.0 and VRM9.1 specification
• Low profile: 1.15 inches including mating connector
• Microprocessor voltage identification input
    - 5 Bit VID input
    - 1.10 Vdc to 1.85 Vdc in 25 mV steps
• Up to 50 A/µs load transient no load to full load, recovery within 50 µs
• Democratic current sharing, no need for master/slave configuration
• High efficiency: 87% typical @ Vin = 12 V, Vout = 1.5 V, Iout = 60 A
• Available RoHS compliant




Similar Part No. - NXI100

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NXI100 EMERSON-NETWORKPOWER-NXI100 Datasheet
238Kb / 4P
non-isolated dc-dc converter
NXI100-12P1V8CY EMERSON-NETWORKPOWER-NXI100-12P1V8CY Datasheet
238Kb / 4P
non-isolated dc-dc converter
More results


Similar Description - NXI100

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NXI150 ARTESYN-NXI150 Datasheet
705Kb / 3P
81 A DC-DC Non-Isolated Converters
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com