Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508 Datasheet (PDF) - List of Unclassifed Manufacturers

ATECC508 Datasheet PDF - List of Unclassifed Manufacturers
Part # ATECC508
Download  ATECC508 Download
File Size   588.35 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Arduino MKR WAN 1310

ATECC508 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATECC508 Datasheet PDF - List of Unclassifed Manufacturers

Part # ATECC508
Download  ATECC508 Click to download

File Size   588.35 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Arduino MKR WAN 1310

ATECC508 Datasheet (HTML) - List of Unclassifed Manufacturers


ATECC508 Product details

Features
▪ SAMD21G18A Processor
▪ ARM Cortex M0+ at up to 48 MHz
▪ 256KB Flash
▪ 32KB SRAM
▪ Power On Reset POR and Brown Out Detection
(BOD)
▪ Peripherals
▪ 12 channel DMA
▪ 12 channel event system
▪ 5x 16 bit Timer/Counter
▪ 3x 24 bit timer/counter with extended
functions
▪ 32 bit RTC
▪ Watchdog Timer
▪ CRC-32 generator
▪ Full speed Host/Device USB with 8 end
points
▪ 6x SERCOM (USART, I 2 C, SPI, LIN)
▪ Two channel I 2 S
▪ 12 bit 350ksps ADC (up to 16 bit with
oversampling)
▪ 10 bit 350ksps DAC
▪ External Interrupt Controller (up to 16 lines)
▪ Murata CMWX1ZZABZ LORA Module
▪ STMicro STM32L0 series ARM Cortex M0+ 32 bit
MCU
▪ 192Kbytes Flash
▪ +20dBm RF TX Output Power
▪ Semtech SX1276 Radio
▪ W25Q16 SPI Flash memory
▪ 16Mbit SPI Flash
▪ 4mA active current, <1μA Power-down (typ.)
▪ More than 100,000 erase/program cycles
▪ More than 20-year data retention

▪ ATECC508 Crypto Chip
▪ Cryptographic co-processor with secure
hardware based key storage
▪ Protected storage for up to 16 keys, certificates
or data
▪ ECDH: FIPS SP800-56A Elliptic Curve
Diffie-Hellman
▪ ECDSA: FIPS186-3 Elliptic Curve Digital Signature
Algorithm
▪ NIST standard P256 elliptic curve support
▪ SHA-256 & HMAC hash including off-chip context
save/restore
▪ BQ24125L I2C Controlled USB/Adapter Charger
▪ 92% Charge Efficiency at 2 A, 90% at 4 A
▪ Autonomous Battery Charging
▪ 2.5-A Fast Charging




Similar Part No. - ATECC508

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATECC508A MICROCHIP-ATECC508A Datasheet
924Kb / 109P
Cryptographic Co-processor with Secure Hardware-Based Key Storage
2017
ATECC508A-MAHDA-T MICROCHIP-ATECC508A-MAHDA-T Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results


Similar Description - ATECC508

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com