Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

357-021-545-158 Datasheet (PDF) - EDAC, All Rights Reserved.

357-021-545-158 Datasheet PDF - EDAC, All Rights Reserved.
Part # 357-021-545-158
Download  357-021-545-158 Download
File Size   123.63 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height

357-021-545-158 Datasheet (PDF)

Go To PDF Page Download Datasheet
357-021-545-158 Datasheet PDF - EDAC, All Rights Reserved.

Part # 357-021-545-158
Download  357-021-545-158 Click to download

File Size   123.63 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height

357-021-545-158 Datasheet (HTML) - EDAC, All Rights Reserved.


357-021-545-158 Product details

Features


  • 0.156" (3.96mm) Contact Spacing by 0.200" (5.08mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, 0.473" (12.01mm)

  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90° and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant UL Certified




Similar Part No. - 357-021-545-158

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
357-021-545-158 EDAC-357-021-545-158 Datasheet
248Kb / 3P
357 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results


Similar Description - 357-021-545-158

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
357-020-560-203 EDAC-357-020-560-203 Datasheet
122Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-020-560-207 EDAC-357-020-560-207 Datasheet
120Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-021-531-108 EDAC-357-021-531-108 Datasheet
123Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-021-545-107 EDAC-357-021-545-107 Datasheet
123Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-442-208 EDAC-357-022-442-208 Datasheet
121Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-456-208 EDAC-357-022-456-208 Datasheet
121Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-458-202 EDAC-357-022-458-202 Datasheet
121Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-459-208 EDAC-357-022-459-208 Datasheet
122Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-500-201 EDAC-357-022-500-201 Datasheet
119Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-022-520-204 EDAC-357-022-520-204 Datasheet
119Kb / 3P
357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com