Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4-1600 Datasheet (PDF) - List of Unclassifed Manufacturers

DDR4-1600 Datasheet PDF - List of Unclassifed Manufacturers
Part # DDR4-1600
Download  DDR4-1600 Download
File Size   716.05 Kbytes
Page   48 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Lead-Free&Halogen-Free

DDR4-1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDR4-1600 Datasheet PDF - List of Unclassifed Manufacturers

Part # DDR4-1600
Download  DDR4-1600 Click to download

File Size   716.05 Kbytes
Page   48 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Lead-Free&Halogen-Free

DDR4-1600 Datasheet (HTML) - List of Unclassifed Manufacturers


DDR4-1600 Product details

FEATURES
• VDD=VDDQ=1.2V +/- 0.06V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data, data
strobes and data masks latched on the rising edges of
the clock
• Programmable CAS latency 9, 11, 12, 13, 14, 15, 16,
17, 18, 19 and 20
• Programmable additive latency 0, CL-1, and CL-2
supported (x4/x8 only)
• Programmable CAS Write latency (CWL) = 9, 10, 11,
12, 14, 16, 18
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 16banks
• Average Refresh Cycle (Tcase of 0 oC~ 95 oC)
- 7.8 μs at 0oC ~ 85 oC
- 3.9 μs at 85oC ~ 95 oC
• Operating Temperture Range
- Commercial Temperature (0 oC~ 95 oC)
- Industrial Temperature (-40oC~ 95 oC)
• JEDEC standard 78ball FBGA(x4/x8), 96ball FBGA(x16)
• Driver strength selected by MRS
• Dynamic On Die Termination supported
• Two Termination States such as RTT_PARK and
RTT_NOM switchable by ODT pin
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch
• This product in compliance with the RoHS directive.
• Internal Vref DQ level generation is available
• Write CRC is supported at all speed grades
• Maximum Power Saving Mode is supported
• TCAR(Temperature Controlled Auto Refresh) mode is
supported
• LP ASR(Low Power Auto Self Refresh) mode is supported
• Fine Granularity Refresh is supported
• Per DRAM Addressability is supported
• Geardown Mode(1/2 rate, 1/4 rate) is supported
• Programable Preamble for read and write is supported
• Self Refresh Abort is supported
• CA parity (Command/Address Parity) mode is supported
• Bank Grouping is applied, and CAS to CAS latency
(tCCD_L, tCCD_S) for the banks in the same or different
bank group accesses are available
• DBI(Data Bus Inversion) is supported(x8/x16)




Similar Part No. - DDR4-1600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDR4-1600 ETC2-DDR4-1600 Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Similar Description - DDR4-1600

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
Switching Diode Lead free product Halogen-free type
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
PGB1 Series Halogen-Free / Lead-Free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
RoHS compliant, lead-free and halogen-free
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
RoHS compliant, lead-free and halogen-free
logo
Zowie Technology Corpor...
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
Switching Diode Lead free product Halogen-free type
logo
Samsung semiconductor
K4B2G1646F SAMSUNG-K4B2G1646F Datasheet
515Kb / 71P
96FBGA with Lead-Free & Halogen-Free
logo
List of Unclassifed Man...
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com