Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101ILQ-TR Datasheet (PDF) - Microsemi Corporation

PD70101ILQ-TR Datasheet PDF - Microsemi Corporation
Part # PD70101ILQ-TR
Download  PD70101ILQ-TR Download
File Size   831.21 Kbytes
Page   20 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Power Over Ethernet 802.3af/at PD Controller

PD70101ILQ-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
PD70101ILQ-TR Datasheet PDF - Microsemi Corporation

Part # PD70101ILQ-TR
Download  PD70101ILQ-TR Click to download

File Size   831.21 Kbytes
Page   20 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Power Over Ethernet 802.3af/at PD Controller

PD70101ILQ-TR Datasheet (HTML) - Microsemi Corporation


PD70101ILQ-TR Product details

Features
 IEEE802.3af and IEEE802.3at
Compliant
 Support for 4-pair Applications of up to
47.7W With a Single IC
 Two-events Classification
Identification With a Level Signal
Indicating Type 1 or Type 2 PSE
 Less Than 10 μA (typical) Offset
Current During Detection
 Signature Resistor is Disconnected
upon Detection
 Programmable Classification Setting
With a Single Resistor
 Integrated 0.6 Ohm Isolating MOSFET
Switch With Inrush Current Limit
 Power Off DC-DC Input Capacitor
Discharge
 100 kHz to 500 kHz Adjustable DC-DC
Switching Frequency
 DC-DC Frequency Can Be
Synchronized to External Clock
 Supports Low Power Mode Operation
for Higher Efficiency 50% Maximum
Duty Cycle
 Soft-start Circuit to Control The Output
Voltage Rise Time
 Two out-of-phase driver stages for
efficient synchronous rectification or
active clamp
 PoE Port Input UVLO with
Programmable Threshold and
Hysteresis
 Internal Differential Amplifier
Simplifying Non-isolated Step Down
Converter
 Over Load and Short Circuit Protection
 RoHS Compliant & Pb-Free

Applications
 IEEE802.3at and IEEE802.3af
powered devices such as IP
phones, WLAN Access Points and
Network Cameras.
 48V Input Telcom/Networks Hot
Swappable Power Supply.




Similar Part No. - PD70101ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70101 MICROCHIP-PD70101 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
PD70101 MICROCHIP-PD70101 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
More results


Similar Description - PD70101ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com