Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6442 Datasheet (PDF) - Molex Electronics Ltd.

6442 Datasheet PDF - Molex Electronics Ltd.
Part # 6442
Download  6442 Download
File Size   806.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)

6442 Datasheet (PDF)

Go To PDF Page Download Datasheet
6442 Datasheet PDF - Molex Electronics Ltd.

Part # 6442
Download  6442 Click to download

File Size   806.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)

6442 Datasheet (HTML) - Molex Electronics Ltd.


6442 Product details

Features and Benefits
High-temperature nylon housing Withstands lead-free hightemperature
solder processing up
to +260°C. Does not require the
drying needs of normal nylon
Optional MarKK terminal with four
points of contact
Supports up to 13.0A per circuit.
Ideal for higher power and highvibration
applications
Polarized friction-lock header Prevents mismating and ensures
secure mating
Standard KK header footprint
design
Allows for drop-in replacement on
existing header applications. Mates
with standard KK receptacles
Matte-tin over nickel plating Inhibits tin whiskering
PCB receptacles are available in
standard KK® connectors
Ensures secure mating between
headers and receptacles
Tape-and-reel packaging with
pick-and-place caps available
Enables highly automated termination
processing and accurate PCB placement

Applications
Consumer
– Home appliances
– Washer/dryer
– Dishwashers
– Fire/smoke detectors
– HVAC
– Gaming
– Coin changers, ATM
– Gaming consoles
– Vending
– Voting machines
Data/Computing and
Telecommunications/Networking
– Scanners/multi-function machines
– Printers
– Workstations
– Mainframes
Medical
– Respirators
– Blood warming bags
Automotive
– Control modules
– Stereos




Similar Part No. - 6442

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6442 POMONA-6442 Datasheet
161Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
logo
Crydom Inc.,
6442 CRYDOM-6442 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
Molex Electronics Ltd.
6442 MOLEX-6442 Datasheet
64Kb / 1P
KK® Interconnect System - Molex
10/04/2018
6442 MOLEX-6442 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
6442-02-Z MOLEX3-6442-02-Z Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing - Use With Trifurcon짰 Terminals, 2 Circuits
More results


Similar Description - 6442

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC2835C-YDCW3 P-TEC-PLC2835C-YDCW3 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835C-YDNW2 P-TEC-PLC2835C-YDNW2 Datasheet
2Mb / 16P
Compatible lead-free reflow soldering process
PLC2835D-YDCW2 P-TEC-PLC2835D-YDCW2 Datasheet
2Mb / 17P
Compatible lead-free reflow soldering process
PLC2835A-YDCW3 P-TEC-PLC2835A-YDCW3 Datasheet
1Mb / 17P
Compatible lead-free reflow soldering process
PL00134-WCRB1811 P-TEC-PL00134-WCRB1811 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRG0817 P-TEC-PL00134-WCRG0817 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRG1825 P-TEC-PL00134-WCRG1825 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCRY1806 P-TEC-PL00134-WCRY1806 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCYG0617 P-TEC-PL00134-WCYG0617 Datasheet
1Mb / 9P
Compatible with reflow solder process
PL00134-WCBY1106 P-TEC-PL00134-WCBY1106 Datasheet
1Mb / 9P
Compatible with reflow solder process
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com