Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4077B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4077B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4077B
Download  HEF4077B Download
File Size   164.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-NOR gate

HEF4077B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4077B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4077B
Download  HEF4077B Click to download

File Size   164.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-NOR gate

HEF4077B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4077B Product details

1 General description
The HEF4077B is a quad 2-input EXCLUSIVE-NOR gate. The outputs are fully buffered
for the highest noise immunity and pattern insensitivity to output impedance.
The HEF4077B operates over a recommended VDD power supply range of 3 V to 15 V
referenced to VSS (usually ground). Unused inputs must be connected to VDD, VSS, or
another input.

2 Features and benefits
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Specified from -40 °C to +85 °C
• Complies with JEDEC standard JESD 13-B




Similar Part No. - HEF4077B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4077B PHILIPS-HEF4077B Datasheet
27Kb / 3P
Quadruple exclusive-NOR gate
January 1995
logo
Nexperia B.V. All right...
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
Quad 2-input EXCLUSIVE-NOR gate
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
195Kb / 9P
Quad 2-input EXCLUSIVE-NOR gate
Rev. 3 5 September 2024
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100_V01 Datasheet
195Kb / 9P
Quad 2-input EXCLUSIVE-NOR gate
Rev. 3 5 September 2024
logo
NXP Semiconductors
HEF4077BD PHILIPS-HEF4077BD Datasheet
27Kb / 3P
Quadruple exclusive-NOR gate
January 1995
More results


Similar Description - HEF4077B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
Quad 2-Input Exclusive NOR Gate
SN54LS266 MOTOROLA-SN54LS266 Datasheet
125Kb / 4P
QUAD 2-INPUT EXCLUSIVE NOR GATE
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Intersil Corporation
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
QUAD EXCLUSIVE NOR GATE
Sep-2001
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
logo
Motorola, Inc
MC74AC810 MOTOROLA-MC74AC810 Datasheet
149Kb / 5P
QUAD 2-INPUT EXCLUSIVE-NOR GATE
logo
NXP Semiconductors
74AC11810 PHILIPS-74AC11810 Datasheet
123Kb / 5P
QUAD 2-INPUT EXCLUSIVE-NOR GATE
October 17 1990
logo
Nexperia B.V. All right...
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
Quad 2-input EXCLUSIVE-NOR gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com