Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMAG5231 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMAG5231 Datasheet PDF - Texas Instruments
Part # TMAG5231
Download  TMAG5231 Download
File Size   1628.41 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMAG5231 Low-Power, Hall Effect Switch

TMAG5231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMAG5231 Datasheet PDF - Texas Instruments

Part # TMAG5231
Download  TMAG5231 Click to download

File Size   1628.41 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMAG5231 Low-Power, Hall Effect Switch

TMAG5231 Datasheet (HTML) - Texas Instruments


TMAG5231 Product details

1 Features
• Low power consumption:
– 10-Hz versions: 1.3 μA at 3 V
– 20-Hz versions: 2 μA at 3 V
– 216-Hz versions: 16 μA at 3 V
• 1.65-V to 5.5-V operating VCC range
• Magnetic threshold option (typical BOP):
– 1.8 mT with 0.6-mT hysteresis
– 2.85 mT with 1.35-mT hysteresis
– 3 mT with 0.8-mT hysteresis
– 40 mT with 6.5-mT hysteresis
• Omnipolar response
• Push-pull output
• Industry-standard package and pinout
– SOT-23 package
– X2SON package
• Operating temperature range: –40°C to +125°C

2 Applications
• Cell phones, laptops, or tablet case sensing
• Electricity meter tamper detection
• E-locks
• Smoke detectors
• Home appliance open/close detection
• Medical devices
• IoT systems
• Valve and solenoid position detection
• Contactless diagnostics or activation

3 Description
The TMAG5231 is a 2nd-generation, low-power Halleffect
switch sensor, specifically designed to optimize
the total system cost for compact, battery-operated
consumer and industrial applications.
When the applied magnetic flux density exceeds the
operating point (BOP) threshold, the device outputs a
low voltage. The output stays low until the flux density
decreases to less than the release point (BRP), and
then the device outputs a high voltage. Omnipolar
magnetic response allows the output to be sensitive
to both north and south magnetic fields.
The TMAG5231 is able to operate at very low current
consumption. To achieve 2 μA of current consumption
the device is internally power cycled at a 20-Hz rate.
The TMAG5231 is available in the industry-standard
package and pinout SOT-23 as well as X2SON.
The device operates at a VCC range of 1.65 V to 5.5 V
as well as an extended temperature range of –40°C to
125°C.




Similar Part No. - TMAG5231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 33P
TMAG5231 Low-Power, Hall Effect Switch
JUNE 2022
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 33P
TMAG5231 Low-Power, Hall Effect Switch
REVISED SEPTEMBER 2022
TMAG5231A1C TI-TMAG5231A1C Datasheet
1Mb / 33P
TMAG5231 Low-Power, Hall Effect Switch
REVISED SEPTEMBER 2022
More results


Similar Description - TMAG5231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
TMAG5231 TI-TMAG5231_V02 Datasheet
1Mb / 33P
TMAG5231 Low-Power, Hall Effect Switch
JUNE 2022
TMAG5231 TI-TMAG5231_V03 Datasheet
1Mb / 33P
TMAG5231 Low-Power, Hall Effect Switch
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com