Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX-SDMAC2 Datasheet (PDF) - silex technology america, Inc.

SX-SDMAC2 Datasheet PDF - silex technology america, Inc.
Part # SX-SDMAC2
Download  SX-SDMAC2 Download
File Size   2867.48 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module

SX-SDMAC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX-SDMAC2 Datasheet PDF - silex technology america, Inc.

Part # SX-SDMAC2
Download  SX-SDMAC2 Click to download

File Size   2867.48 Kbytes
Page   2 Pages
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.
Description IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module

SX-SDMAC2 Datasheet (HTML) - silex technology america, Inc.


SX-SDMAC2 Product details

Features
• Powered by QCA9379-3 Chip by Qualcomm
• Dual Band Support for both 2.4GHz / 5GHz
• 2x2 MU-MIMO Support
• PHY Data Rate up to 867 Mbps (11ac VHT80)
• Bluetooth v5.0
• Host Interface
- WLAN : SDIO3.0
- Bluetooth : UART
• RoHS Compliant
• Modular Certifications for North America, Europe and Japan




Similar Part No. - SX-SDMAC2

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-SDMAC SILEX-SX-SDMAC Datasheet
2Mb / 2P
802.11ac Plus Bluetooth SDIO Module
REV E. 20200326
SX-SDMAC-2830S SILEX-SX-SDMAC-2830S Datasheet
2Mb / 2P
802.11ac Plus Bluetooth SDIO Module
REV E. 20200326
SX-SDMAC-2831C SILEX-SX-SDMAC-2831C Datasheet
2Mb / 2P
802.11ac Plus Bluetooth SDIO Module
REV E. 20200326
SX-SDMAC-2831S SILEX-SX-SDMAC-2831S Datasheet
2Mb / 2P
802.11ac Plus Bluetooth SDIO Module
REV E. 20200326
SX-SDMAC-2832S SILEX-SX-SDMAC-2832S Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
More results


Similar Description - SX-SDMAC2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-6340 ADVANTECH-EKI-6340 Datasheet
1Mb / 2P
IEEE 802.11 a/b/g/n Outdoor Wi-Fi Mesh AP
logo
Murata Manufacturing Co...
SN820X MURATA-SN820X Datasheet
155Kb / 2P
Wi-Fi 802.11 b/g/n Network Controller Module
logo
List of Unclassifed Man...
SX-SDMAN ETC2-SX-SDMAN Datasheet
924Kb / 2P
802.11a/b/g/n Plus Bluetooth SDIO Module
logo
ATMEL Corporation
ATSAMW25-MR210PB ATMEL-ATSAMW25-MR210PB Datasheet
1Mb / 25P
IEEE 802.11 b/g/n SmartConnect Wi-Fi Module
logo
Telit loT Solutions
WE310F5 TELIT-WE310F5 Datasheet
1Mb / 2P
Wi-Fi 802.11 b/g/n BLE5
GS2101M TELIT-GS2101M Datasheet
261Kb / 2P
Wi-Fi 802.11 b/g/n Embedded
logo
Advantech Co., Ltd.
EKI-6311GN ADVANTECH-EKI-6311GN Datasheet
275Kb / 2P
IEEE 802.11 b/g/n Wi-Fi AP/Client
5-May-2015
EKI-6333AC-2G ADVANTECH-EKI-6333AC-2G Datasheet
590Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi AP
11-Nov-2021
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
EKI-6333AC-4GP ADVANTECH-EKI-6333AC-4GP Datasheet
297Kb / 2P
Idustrial IEEE 802.11 a/b/g/n/ac Wi-Fi AP with PoE
4-Mar-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com