Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C031C6U3TR Datasheet (PDF) - STMicroelectronics

STM32C031C6U3TR Datasheet PDF - STMicroelectronics
Part # STM32C031C6U3TR
Download  STM32C031C6U3TR Download
File Size   2526.41 Kbytes
Page   108 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V

STM32C031C6U3TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32C031C6U3TR Datasheet PDF - STMicroelectronics

Part # STM32C031C6U3TR
Download  STM32C031C6U3TR Click to download

File Size   2526.41 Kbytes
Page   108 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V

STM32C031C6U3TR Datasheet (HTML) - STMicroelectronics


STM32C031C6U3TR Product details

Features
• Core: Arm® 32-bit Cortex®-M0+ CPU,
frequency up to 48 MHz
• -40°C to 85°C/105°C/125°C operating
temperature
• Memories
– Up to 32 Kbytes of flash memory with
protection
– 12 Kbytes of SRAM with HW parity check
• CRC calculation unit
• Reset and power management
– Voltage range: 2.0 V to 3.6 V
– Power-on/Power-down reset (POR/PDR)
– Programmable Brownout reset (BOR)
– Low-power modes:
Sleep, Stop, Standby, Shutdown
• Clock management
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator with calibration
– Internal 48 MHz RC oscillator (±1 %)
– Internal 32 kHz RC oscillator (±5 %)
• Up to 45 fast I/Os
– All mappable on external interrupt vectors
– Multiple 5 V-tolerant I/Os
• 3-channel DMA controller with flexible mapping
• 12-bit, 0.4 μs ADC (up to 19 ext. channels)
– Conversion range: 0 to 3.6 V
• 8 timers: 16-bit for advanced motor control,
four 16-bit general-purpose, two watchdogs,
SysTick timer
• Calendar RTC with alarm
• Communication interfaces
– One I2C-bus interface supporting Fastmode
Plus (1 Mbit/s) with extra current
sink, supporting SMBus/PMBus and
wakeup from Stop mode
– Two USARTs with master/slave
synchronous SPI; one supporting ISO7816
interface, LIN, IrDA capability, auto baud
rate detection and wakeup feature
– One SPI (24 Mbit/s) with 4- to 16-bit
programmable bitframe, multiplexed with
I2S interface
• Development support: serial wire debug (SWD)
• All packages ECOPACK 2 compliant




Similar Part No. - STM32C031C6U3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32C031C6T6 STMICROELECTRONICS-STM32C031C6T6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
More results


Similar Description - STM32C031C6U3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G031F6 STMICROELECTRONICS-STM32G031F6 Datasheet
1Mb / 117P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
April 2020 Rev 2
STM32G070CB STMICROELECTRONICS-STM32G070CB Datasheet
1Mb / 93P
Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
11-Mar-2020
STM32G030X6 STMICROELECTRONICS-STM32G030X6 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
January 2022
STM32G0B1XB STMICROELECTRONICS-STM32G0B1XB Datasheet
2Mb / 159P
Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
30-Nov-2021
STM32G081XB STMICROELECTRONICS-STM32G081XB Datasheet
2Mb / 136P
Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM,4x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
23-Sep-2021
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32G051X6 STMICROELECTRONICS-STM32G051X6 Datasheet
1Mb / 126P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 18 KB RAM,2x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
25-Nov-2021
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
STM32G0C1XC STMICROELECTRONICS-STM32G0C1XC Datasheet
3Mb / 159P
Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
12-Dec-2022
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com