Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD105 Datasheet (PDF) - Nais(Matsushita Electric Works)

ALD105 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ALD105
Download  ALD105 Download
File Size   49.27 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 1 Form A Slim Power Relay

ALD105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD105 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ALD105
Download  ALD105 Click to download

File Size   49.27 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 1 Form A Slim Power Relay

ALD105 Datasheet (HTML) - Nais(Matsushita Electric Works)


ALD105 Product details

FEATURES
1. Slim type: Width 7 mm .276 inch. 20.3(L)×7.0(W)×15.0(H) mm .799(L)×.276(W)×.591(H) inch
2. Perfect for small load switching of  home appliances
    105 switching operations possible with a  3A 250V AC resistive load.
3. Low operating power
    Compact size, nominal operating power  as low as 200mW.
4. High shock resistance
    The relay withstands a functional shock  resistance of 300m/s2 [approx. 30 G  more]
5. High insulation resistance
    • Creepage distance and clearances between contact and coil: Min. 6 mm .236  inch(In compliance with IEC65)
    • Surge withstand voltage between contact and coil: 10,000 V or more.
6. UL/CSA, VDE, TÜV approved.

TYPICAL  APPLICATIONS
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters




Similar Part No. - ALD105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALD105W PANASONIC-ALD105W Datasheet
96Kb / 3P
1a 3A slim power relays
September 30, 2013
More results


Similar Description - ALD105

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com