Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV367 Datasheet (PDF) - NXP Semiconductors

74LV367 Datasheet PDF - NXP Semiconductors
Part # 74LV367
Download  74LV367 Download
File Size   113.29 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex buffer/line driver 3-State

74LV367 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV367 Datasheet PDF - NXP Semiconductors

Part # 74LV367
Download  74LV367 Click to download

File Size   113.29 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex buffer/line driver 3-State

74LV367 Datasheet (HTML) - NXP Semiconductors


74LV367 Product details

DESCRIPTION
The 74LV367 is a low-voltage CMOS device and is pin and function compatible 74HC/HCT367.
The 74LV367 is a hex non-inverting buffer/line driver with 3-State outputs.

FEATURES
• Optimized for Low Voltage applications: 1.0 to 3.6V
• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V
• Typical VOLP (output ground bounce)  0.8V @ VCC = 3.3V, Tamb = 25°C
• Typical VOHV (output VOH undershoot)  2V @ VCC = 3.3V, Tamb = 25°C
• Non-inverting outputs
• Output capability: bus driver
• ICC category: MSI




Similar Part No. - 74LV367

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV367A TI-74LV367A Datasheet
341Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74LV367

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
Hex buffer/line driver; 3-state
December 1990
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
Hex buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
Hex buffer/line driver; 3-state
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com