Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICOGLF10W Datasheet (PDF) - Aims Power

PICOGLF10W Datasheet PDF - Aims Power
Part # PICOGLF10W
Download  PICOGLF10W Download
File Size   4529.96 Kbytes
Page   40 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Global LF Series Pure Sine Wave Inverter Charger Users Manual

PICOGLF10W Datasheet (PDF)

Go To PDF Page Download Datasheet
PICOGLF10W Datasheet PDF - Aims Power

Part # PICOGLF10W
Download  PICOGLF10W Click to download

File Size   4529.96 Kbytes
Page   40 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Global LF Series Pure Sine Wave Inverter Charger Users Manual

PICOGLF10W Datasheet (HTML) - Aims Power


PICOGLF10W Product details

Features
- High overload ability up to 300% of rated power (20 sec
- Low quiescent current, low power “Power Saving Mode” to conserve energy
- Automatic Generator Start
- 4-step intelligent battery charger, PFC (Power Factor Correction for charger
- 8 pre-set battery type selector switch plus de-sulphation for completely flat batteries
- Powerful charge rate of up to 115Amp, selectable from 0% 100% (based on model)
- 10 ms typical transfer time between battery and AC, guarantees power continuity
- LCD or LED remote controls (optional
- 15s delay before transfer when AC resumes, extra protection for loads when used with generator
- Allows start up and throughput power with depleted batteries 30A/40A (bypass current)
- Multiple controlled cooling fans
- Extensive protections against various harsh situations
- 13VDC battery recovery point, dedicated for renewable energy systems




Similar Part No. - PICOGLF10W

ManufacturerPart #DatasheetDescription
logo
Aims Power
PICOGLF10W12V120V AIMSPOWER-PICOGLF10W12V120V Datasheet
4Mb / 37P
Global LF Series Pure Sine Wave Inverter
05/21
More results


Similar Description - PICOGLF10W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com