Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBS3000 Datasheet (PDF) - List of Unclassifed Manufacturers

MBS3000 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBS3000
Download  MBS3000 Download
File Size   627.53 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Pressure transmitter for general industrial purposes

MBS3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBS3000 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBS3000
Download  MBS3000 Click to download

File Size   627.53 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Pressure transmitter for general industrial purposes

MBS3000 Datasheet (HTML) - List of Unclassifed Manufacturers


MBS3000 Product details

Features
• Designed for use in severe industrial
and hydraulic environments
• Resistant to cavitation, liquid hammer
and pressure peaks (MBS 3050)
• Enslosure and wetted parts of acid-resistant
stainless steel (AISI 316L)
• Pressure ranges in relative (gauge)
or absolute from 0 up to 600 bar
• All standard output signals:
4 – 20 mA, 0 – 5 V, 1 – 5 V, 1 – 6 V, 0 – 10 V,
1 – 10 V
• A wide range of pressure and electrical
connections
• Temperature compensated and laser calibrated
• For use in zone 2 explosive atmospheres




Similar Part No. - MBS3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS30 ETC1-MBS30 Datasheet
116Kb / 1P
Micro Power Resistors
More results


Similar Description - MBS3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVX1A331MPA ETC1-UVX1A331MPA Datasheet
321Kb / 2P
Standard series for general purposes
U263B1 ETC1-U263B1 Datasheet
412Kb / 16P
Triac Temperature Control for Industrial and Domestic Purposes
MS3474L12-3P ETC1-MS3474L12-3P Datasheet
204Kb / 12P
For all general purposes in military ap plications
logo
MERITEK ELECTRONICS COR...
MI MERITEK-MI Datasheet
924Kb / 6P
For general purposes series with 7mm height
logo
Texas Instruments
PGA300 TI1-PGA300 Datasheet
1Mb / 70P
Transmitter for Pressure Sensors
logo
Zhengzhou Winsen Electr...
WPCH01 WINSEN-WPCH01 Datasheet
595Kb / 4P
General Type Ceramic Pressure Transmitter
logo
Schneider Electric
IAP10M SCHNEIDER-IAP10M Datasheet
108Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 25, 2022
IDP10M SCHNEIDER-IDP10M Datasheet
113Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 26, 2022
IGP10M SCHNEIDER-IGP10M Datasheet
107Kb / 1P
Modbus pressure transmitter for use in oil, gas, water & industrial applications
Apr 26, 2022
logo
Nichicon corporation
USA1A330MDD NICHICON-USA1A330MDD Datasheet
578Kb / 1P
7mmL, For General Purposes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com