Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV220B Datasheet (PDF) - List of Unclassifed Manufacturers

EV220B Datasheet PDF - List of Unclassifed Manufacturers
Part # EV220B
Download  EV220B Download
File Size   14878.45 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Solenoid valve Type EV220B and EV220BW

EV220B Datasheet (PDF)

Go To PDF Page Download Datasheet
EV220B Datasheet PDF - List of Unclassifed Manufacturers

Part # EV220B
Download  EV220B Click to download

File Size   14878.45 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Solenoid valve Type EV220B and EV220BW

EV220B Datasheet (HTML) - List of Unclassifed Manufacturers


EV220B Product details

Features
• For water, oil, compressed air and similar
neutral media
• Clip on coil
• Ambient temperature: Up to 80 °C
• Coil enclosure: Up to IP67




Similar Part No. - EV220B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
EV2228-J-00A MPS-EV2228-J-00A Datasheet
253Kb / 5P
High-Efficiency, 2A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
EV2240-J-00A MPS-EV2240-J-00A Datasheet
251Kb / 5P
High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results


Similar Description - EV220B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VYKA-F7-M32-12-D2-PV-5YQ7 FESTO-VYKA-F7-M32-12-D2-PV-5YQ7 Datasheet
89Kb / 2P
Solenoid valve
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8150397 FESTO-8150397 Datasheet
94Kb / 2P
Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com