Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

122256 Datasheet (PDF) - List of Unclassifed Manufacturers

122256 Datasheet PDF - List of Unclassifed Manufacturers
Part # 122256
Download  122256 Download
File Size   1171.66 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Thermal Extrusions Cut to Length

122256 Datasheet (PDF)

Go To PDF Page Download Datasheet
122256 Datasheet PDF - List of Unclassifed Manufacturers

Part # 122256
Download  122256 Click to download

File Size   1171.66 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Thermal Extrusions Cut to Length

122256 Datasheet (HTML) - List of Unclassifed Manufacturers


122256 Product details

•Dimensions: Inches
•Thermal Resistance based on 3 Inch Length in Natural Convection Setting




Similar Part No. - 122256

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12225.0-00 STEGO-12225.0-00 Datasheet
934Kb / 3P
VARIOLINE LAMP WITH SOCKET
20.07.2022
12225.0-30 STEGO-12225.0-30 Datasheet
934Kb / 3P
VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
Norgren Ltd
12225/10225 NORGREN-12225/10225 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
SICK AG
1222508 SICK-1222508 Datasheet
869Kb / 9P
MEASURING AUTOMATION LIGHT GRIDS
1222513 SICK-1222513 Datasheet
673Kb / 9P
MEASURING AUTOMATION LIGHT GRIDS
More results


Similar Description - 122256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
logo
Token Electronics Indus...
FRU5MA1RJP TOKEN-FRU5MA1RJP Datasheet
361Kb / 3P
FKU/FRU Thermal Cut-offs Resistors
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
WAGO Kontakttechnik Gmb...
757-061 WAGO-757-061 Datasheet
50Kb / 2P
Marking strips; cut to a defined length; not stretchable; plain; snap-on type
757-041 WAGO-757-041 Datasheet
50Kb / 2P
Marking strips; cut to a defined length; not stretchable; plain; snap-on type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com