Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2010 Datasheet (PDF) - Digi International Inc.

RCM2010 Datasheet PDF - Digi International Inc.
Part # RCM2010
Download  RCM2010 Download
File Size   910.49 Kbytes
Page   80 Pages
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.
Description RabbitCore RCM2000 C-Programmable Module User’s Manual

RCM2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCM2010 Datasheet PDF - Digi International Inc.

Part # RCM2010
Download  RCM2010 Click to download

File Size   910.49 Kbytes
Page   80 Pages
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.
Description RabbitCore RCM2000 C-Programmable Module User’s Manual

RCM2010 Datasheet (HTML) - Digi International Inc.


RCM2010 Product details

1.1 Features
• Small size: 1.90" × 2.30" (48.3 mm × 58.4 mm)
• Microprocessor: Rabbit 2000 running at 25.8 MHz (RCM2000 and RCM2010)
• 40 CMOS-compatible parallel I/O lines grouped in five 8-bit ports (shared with serial
ports)
• 8 data lines (D0–D7)
• 13 address lines (A0–A12)
• I/0 read, write, buffer enable
• Status, watchdog and clock outputs
• Two startup mode inputs for master/slave configuration
• External reset input
• Reset output
• Five 8-bit timers, two 10-bit timers; five timers are cascadable in pairs
• 256K flash EPROM, 512K SRAM
• Real-time clock
• Watchdog supervisor
• Provision for customer-supplied backup battery via connections on header J2
• Four CMOS-compatible serial ports: maximum asynchronous baud rate of 806,400 bps,
maximum synchronous baud rate of 6.45 Mbps. Two ports are configurable as clocked
ports.
Appendix A, “Specifications,” provides detailed specifications for the RCM2000.
Three versions of the RCM2000 are available. Their standard features are summarized in
Table 1.




Similar Part No. - RCM2010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RCM20-01 LITTELFUSE-RCM20-01 Datasheet
879Kb / 4P
EVCC-01 Series
Revised: 11/12/2025
logo
Schneider Electric
RCM200SL SCHNEIDER-RCM200SL Datasheet
109Kb / 2P
LEVER BY-PASS METER-MAIN 200A
Mar 30, 2020
logo
Rohm
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
20 characters X 2 lines COG module
RCM2090 ROHM-RCM2090 Datasheet
174Kb / 8P
16 characters x 2 lines COG module
RCM2090R ROHM-RCM2090R Datasheet
174Kb / 8P
16 characters x 2 lines COG module
More results


Similar Description - RCM2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
C-Programmable Module with Ethernet
logo
Shenzhen TOPWAY Technol...
LMK070DICFWD-AKC TOPWAY-LMK070DICFWD-AKC_V01 Datasheet
765Kb / 9P
LCD Module User Manual
logo
List of Unclassifed Man...
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
C-Programmable Module with Ethernet
logo
Prosoft-Technology
MVI46-ADM PROSOFT-MVI46-ADM Datasheet
93Kb / 2P
C Programmable Application Development Module
MVI46-ADMNET PROSOFT-MVI46-ADMNET Datasheet
99Kb / 2P
C Programmable Application Development Module with Ethernet
logo
Omron Electronics LLC
B6TW OMRON-B6TW Datasheet
774Kb / 19P
B6TWorkbench User’s Manual
logo
Teridian Semiconductor ...
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
Demo Board User’s Manual
Revision 5.4
logo
NXP Semiconductors
FRDM-KL46Z NXP-FRDM-KL46Z Datasheet
1Mb / 17P
FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Renesas Technology Corp
RTE0T0002LKCE00000R RENESAS-RTE0T0002LKCE00000R Datasheet
768Kb / 36P
E2 emulator Lite RTE0T0002LKCE00000R User’s Manual
Rev.3.00 May 2020
logo
Realtek Semiconductor C...
RTL8723AS REALTEK-RTL8723AS Datasheet
767Kb / 26P
User’s Manual
Rev. 1.0 10 Jan. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com