Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3205 Datasheet (PDF) - List of Unclassifed Manufacturers

3205 Datasheet PDF - List of Unclassifed Manufacturers
Part # 3205
Download  3205 Download
File Size   343.27 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FHP3205 is a low-voltage high-current power MOS field effect transistor,widely used in power inverters

3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
3205 Datasheet PDF - List of Unclassifed Manufacturers

Part # 3205
Download  3205 Click to download

File Size   343.27 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FHP3205 is a low-voltage high-current power MOS field effect transistor,widely used in power inverters

3205 Datasheet (HTML) - List of Unclassifed Manufacturers


3205 Product details

Features
110A, 55V, RDS(on) = 8.0mΩ fast switching
speed




Similar Part No. - 3205

ManufacturerPart #DatasheetDescription
logo
Dow-Key Microwave Corpo...
3205 DOW-KEY-3205 Datasheet
384Kb / 1P
HF-band Fan-Out
logo
PHOENIX CONTACT
3205 PHOENIX-3205 Datasheet
384Kb / 8P
FL MC 2000E (SM40) LC
logo
List of Unclassifed Man...
3205 ETC2-3205 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3205 HEYCO-3205 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Sensata Technologies, I...
3205 SENSATA-3205 Datasheet
176Kb / 3P
ROTARY MOTION | PRECISION SENSOR
More results


Similar Description - 3205

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ302 KEXIN-2SJ302 Datasheet
47Kb / 1P
Mos Field Effect Power Transistor
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
MOS Field Effect Power Transistor
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
2SK2133 KEXIN-2SK2133 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SJ133 RENESAS-2SJ133 Datasheet
372Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
2002
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com